전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7351PBF 데이터시트(PDF) 3 Page - International Rectifier

부품명 IRF7351PBF
상세설명  Low Power Motor Drive Systems
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7351PBF 데이터시트(HTML) 3 Page - International Rectifier

  IRF7351PBF_15 Datasheet HTML 1Page - International Rectifier IRF7351PBF_15 Datasheet HTML 2Page - International Rectifier IRF7351PBF_15 Datasheet HTML 3Page - International Rectifier IRF7351PBF_15 Datasheet HTML 4Page - International Rectifier IRF7351PBF_15 Datasheet HTML 5Page - International Rectifier IRF7351PBF_15 Datasheet HTML 6Page - International Rectifier IRF7351PBF_15 Datasheet HTML 7Page - International Rectifier IRF7351PBF_15 Datasheet HTML 8Page - International Rectifier IRF7351PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IRF7351PbF
www.irf.com
3
Fig 4. Normalized On-Resistance
vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
0.1
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
1
10
100
3.8V
≤60µs PULSE WIDTH
Tj = 150°C
VGS
TOP
10V
8.0V
6.0V
5.0V
4.5V
4.3V
4.0V
BOTTOM
3.8V
0.1
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
VGS
TOP
10V
8.0V
6.0V
5.0V
4.5V
4.3V
4.0V
BOTTOM
3.8V
≤60µs PULSE WIDTH
Tj = 25°C
3.8V
2
3
4
5
6
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
TJ = 25°C
TJ = 150°C
VDS = 25V
≤60µs PULSE WIDTH
-60 -40 -20 0 20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.5
0.8
1.0
1.3
1.5
1.8
2.0
ID = 8.0A
VGS = 10V


유사한 부품 번호 - IRF7351PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7351PBF IRF-IRF7351PBF Datasheet
288Kb / 10P
   Synchronous Rectifier MOSFET for Isolated DC-DC Converters
IRF7351PBF IRF-IRF7351PBF Datasheet
288Kb / 10P
   Synchronous Rectifier MOSFET for Isolated DC-DC Converters
More results

유사한 설명 - IRF7351PBF_15

제조업체부품명데이터시트상세설명
logo
Allegro MicroSystems
ACS750XCA-100 ALLEGRO-ACS750XCA-100 Datasheet
508Kb / 12P
   Industrial systems, Motor control, Power conversion, Battery monitors Automotive systems
logo
Sanyo Semicon Device
LB1933M SANYO-LB1933M Datasheet
56Kb / 5P
   Low-saturation Forward/Reverse Motor Drive
logo
Shenzhen Huazhimei Semi...
HM3111 HMSEMI-HM3111 Datasheet
1Mb / 10P
   Low voltage 5V DC motor drive
logo
Allegro MicroSystems
ACS750XCA-050 ALLEGRO-ACS750XCA-050 Datasheet
499Kb / 12P
   Industrial systems, Motor control, Power conversion, Battery monitors, Automotive systems
logo
Toshiba Semiconductor
TPD1045F TOSHIBA-TPD1045F Datasheet
287Kb / 9P
   Low-Side Power Switch for Motor, Solenoid and Lamp Drive
logo
International Rectifier
IRD3CH9DB6 IRF-IRD3CH9DB6 Datasheet
218Kb / 6P
   Industrial Motor Drive
IRGB4715DPBF IRF-IRGB4715DPBF Datasheet
657Kb / 12P
   Industrial Motor Drive
logo
Fluke Corporation
MDA-550 FLUKE-MDA-550 Datasheet
3Mb / 36P
   Motor Drive Analyzer
logo
Shenzhen Huazhimei Semi...
HM2503A HMSEMI-HM2503A Datasheet
359Kb / 4P
   Motor drive circuit
logo
International Rectifier
IRLS4030TRLPBF IRF-IRLS4030TRLPBF Datasheet
388Kb / 10P
   DC Motor Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com