전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7389PBF-1 데이터시트(PDF) 4 Page - International Rectifier

부품명 IRF7389PBF-1
상세설명  Industry-standard pinout SO-8 Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7389PBF-1 데이터시트(HTML) 4 Page - International Rectifier

  IRF7389PBF-1_15 Datasheet HTML 1Page - International Rectifier IRF7389PBF-1_15 Datasheet HTML 2Page - International Rectifier IRF7389PBF-1_15 Datasheet HTML 3Page - International Rectifier IRF7389PBF-1_15 Datasheet HTML 4Page - International Rectifier IRF7389PBF-1_15 Datasheet HTML 5Page - International Rectifier IRF7389PBF-1_15 Datasheet HTML 6Page - International Rectifier IRF7389PBF-1_15 Datasheet HTML 7Page - International Rectifier IRF7389PBF-1_15 Datasheet HTML 8Page - International Rectifier IRF7389PBF-1_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRF7389PbF-1
4
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
May 15, 2014
Fig 5. Normalized On-Resistance
Vs. Temperature
Fig 8. Maximum Avalanche Energy
Vs. Drain Current
Fig 6. Typical On-Resistance Vs. Drain
Current
Fig 7. Typical On-Resistance Vs. Gate
Voltage
N-Channel
-60 -40 -20
0
20 40 60 80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
10V
5.8A
0.020
0.024
0.028
0.032
0.036
0.040
0
1020
3040
A
I , Drain Current (A)
D
V
= 10V
GS
V
= 4.5V
GS
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0
3
6
9
12
15
A
GS
V
, Gate-to-Source Voltage (V)
I
= 5.8A
D
0
40
80
120
160
200
25
50
75
100
125
150
J
A
Starting T , Junction Temperature (°C)
I
TOP
1.8A
3.2A
BOTTOM 4.0A
D
ID


유사한 부품 번호 - IRF7389PBF-1_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7389PBF IRF-IRF7389PBF Datasheet
259Kb / 10P
   HEXFET Power MOSFET
IRF7389PBF IRF-IRF7389PBF Datasheet
264Kb / 10P
   Generation V Technology
IRF7389PBF IRF-IRF7389PBF Datasheet
264Kb / 10P
   GENERATION V TECHNOLOGY
IRF7389PBF IRF-IRF7389PBF_15 Datasheet
264Kb / 10P
   GENERATION V TECHNOLOGY
More results

유사한 설명 - IRF7389PBF-1_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7420PBF-1 IRF-IRF7420PBF-1_15 Datasheet
196Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7456PBF-1 IRF-IRF7456PBF-1_15 Datasheet
197Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7469PBF-1 IRF-IRF7469PBF-1_15 Datasheet
210Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7103PBF-1 IRF-IRF7103PBF-1_15 Datasheet
281Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8252PBF-1 IRF-IRF8252PBF-1_15 Datasheet
222Kb / 10P
   Industry-standard pinout SO-8 Package
IRF3717PBF-1 IRF-IRF3717PBF-1 Datasheet
258Kb / 10P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com