전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7420PBF-1 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRF7420PBF-1
상세설명  Industry-standard pinout SO-8 Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7420PBF-1 데이터시트(HTML) 2 Page - International Rectifier

  IRF7420PBF-1 Datasheet HTML 1Page - International Rectifier IRF7420PBF-1 Datasheet HTML 2Page - International Rectifier IRF7420PBF-1 Datasheet HTML 3Page - International Rectifier IRF7420PBF-1 Datasheet HTML 4Page - International Rectifier IRF7420PBF-1 Datasheet HTML 5Page - International Rectifier IRF7420PBF-1 Datasheet HTML 6Page - International Rectifier IRF7420PBF-1 Datasheet HTML 7Page - International Rectifier IRF7420PBF-1 Datasheet HTML 8Page - International Rectifier IRF7420PBF-1 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
June 30, 2014
IRF7420PbF-1
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

p-n junction diode.
VSD
Diode Forward Voltage
––– ––– -1.2
V
TJ = 25°C, IS = -2.5A, VGS = 0V
‚
trr
Reverse Recovery Time
–––
62
93
ns
TJ = 25°C, IF = -2.5A
Qrr
Reverse Recovery Charge
–––
61
92
μC
di/dt = -100A/μs
‚
Source-Drain Ratings and Characteristics
A
-46
–––
–––
–––
-2.5
–––
S
D
G
 Repetitive rating; pulse width limited by
max. junction temperature.
Notes:
‚ Pulse width ≤ 400μs; duty cycle ≤ 2%.
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
ƒ Surface mounted on 1 in square Cu board, t ≤ 10sec.
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-12
––– –––
V
VGS = 0V, ID = -250μA
ΔV(BR)DSS/ΔTJ Breakdown Voltage Temp. Coefficient
––– 0.007 –––
V/°C Reference to 25°C, ID = -1mA
–––
–––
14
VGS = -4.5V, ID = -11.5A
‚
––– ––– 17.5
VGS = -2.5V, ID = -9.8A
‚
––– –––
26
VGS = -1.8V, ID = -8.1A
‚
VGS(th)
Gate Threshold Voltage
-0.4 ––– -0.9
V
VDS = VGS, ID = -250μA
gfs
Forward Transconductance
32
––– –––
S
VDS = -10V, ID = -11.5A
–––
––– -1.0
VDS = -9.6V, VGS = 0V
–––
–––
-25
VDS = -9.6V, VGS = 0V, TJ = 70°C
Gate-to-Source Forward Leakage
–––
––– -100
VGS = -8V
Gate-to-Source Reverse Leakage
–––
––– 100
VGS = 8V
Qg
Total Gate Charge
–––
38
–––
ID = -11.5A
Qgs
Gate-to-Source Charge
–––
8.1
–––
nC
VDS = -6V
Qgd
Gate-to-Drain ("Miller") Charge
–––
8.7
–––
VGS = -4.5V
‚
td(on)
Turn-On Delay Time
–––
8.8
13
VDD = -6V, VGS = -4.5V
tr
Rise Time
–––
8.8
13
ID = -1.0A
td(off)
Turn-Off Delay Time
–––
291 437
RD = 6
Ω
tf
Fall Time
–––
225 338
RG = 6
Ω ‚
Ciss
Input Capacitance
––– 3529 –––
VGS = 0V
Coss
Output Capacitance
––– 1013 –––
pF
VDS = -10V
Crss
Reverse Transfer Capacitance
–––
656 –––
ƒ = 1.0MHz
IGSS
μA
m
Ω
RDS(on)
Static Drain-to-Source On-Resistance
IDSS
Drain-to-Source Leakage Current
nA
ns


유사한 부품 번호 - IRF7420PBF-1

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7420PBF IRF-IRF7420PBF Datasheet
173Kb / 9P
   HEXFET Power MOSFET
IRF7420PBF IRF-IRF7420PBF Datasheet
159Kb / 9P
   Ultra Low On-Resistance
IRF7420PBF IRF-IRF7420PBF_15 Datasheet
159Kb / 9P
   Ultra Low On-Resistance
More results

유사한 설명 - IRF7420PBF-1

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7456PBF-1 IRF-IRF7456PBF-1_15 Datasheet
197Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7469PBF-1 IRF-IRF7469PBF-1_15 Datasheet
210Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7103PBF-1 IRF-IRF7103PBF-1_15 Datasheet
281Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8252PBF-1 IRF-IRF8252PBF-1_15 Datasheet
222Kb / 10P
   Industry-standard pinout SO-8 Package
IRF3717PBF-1 IRF-IRF3717PBF-1 Datasheet
258Kb / 10P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com