전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7450PBF 데이터시트(PDF) 6 Page - International Rectifier

부품명 IRF7450PBF
상세설명  High frequency DC-DC converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7450PBF 데이터시트(HTML) 6 Page - International Rectifier

  IRF7450PBF Datasheet HTML 1Page - International Rectifier IRF7450PBF Datasheet HTML 2Page - International Rectifier IRF7450PBF Datasheet HTML 3Page - International Rectifier IRF7450PBF Datasheet HTML 4Page - International Rectifier IRF7450PBF Datasheet HTML 5Page - International Rectifier IRF7450PBF Datasheet HTML 6Page - International Rectifier IRF7450PBF Datasheet HTML 7Page - International Rectifier IRF7450PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRF7450PbF
6
www.irf.com
Fig 13. On-Resistance Vs. Gate Voltage
Fig 12. On-Resistance Vs. Drain Current
Fig 14a&b. Basic Gate Charge Test Circuit
and Waveform
Fig 15a&b. Unclamped Inductive Test circuit
and Waveforms
Fig 15c. Maximum Avalanche Energy
Vs. Drain Current
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
VGS
QG
QGS
QGD
VG
Charge
tp
V(BR)DSS
IAS
R G
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
6
8
10
12
14
16
VGS, Gate -to -Source Voltage (V)
0.10
0.15
0.20
0.25
0.30
0.35
ID = 1.5A
25
50
75
100
125
150
0
100
200
300
400
500
600
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
1.1A
1.6A
2.5A
0
4
8
12
16
20
24
ID , Drain Current (A)
0.12
0.14
0.16
0.18
VGS = 10V


유사한 부품 번호 - IRF7450PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7450PBF IRF-IRF7450PBF Datasheet
176Kb / 8P
   SMPS MOSFET HEXFET Power MOSFET
IRF7450PBF IRF-IRF7450PBF Datasheet
181Kb / 8P
   High frequency DC-DC converters
More results

유사한 설명 - IRF7450PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFU3518-701PBF IRF-IRFU3518-701PBF Datasheet
234Kb / 11P
   High frequency DC-DC converters
logo
Kersemi Electronic Co.,...
IRFR3518 KERSEMI-IRFR3518 Datasheet
4Mb / 10P
   High frequency DC-DC converters
logo
International Rectifier
IRFS33N15DTRLP IRF-IRFS33N15DTRLP Datasheet
150Kb / 12P
   High frequency DC-DC converters
IRFR13N20DPBF IRF-IRFR13N20DPBF_15 Datasheet
689Kb / 11P
   HIGH FREQUENCY DC-DC CONVERTERS
IRF7452PBF IRF-IRF7452PBF_15 Datasheet
284Kb / 8P
   HIGH FREQUENCY DC-DC CONVERTERS
IRF7490PBF IRF-IRF7490PBF_15 Datasheet
155Kb / 9P
   High frequency DC-DC converters
IRF8010SPBF IRF-IRF8010SPBF_15 Datasheet
229Kb / 11P
   High frequency DC-DC converters
IRFP4710PBF IRF-IRFP4710PBF_15 Datasheet
183Kb / 9P
   High frequency DC-DC converters
IRFR15N20DPBF IRF-IRFR15N20DPBF_15 Datasheet
231Kb / 11P
   High frequency DC-DC converters
IRFR24N15DPBF IRF-IRFR24N15DPBF_15 Datasheet
282Kb / 10P
   High frequency DC-DC converters
IRFR3410PBF IRF-IRFR3410PBF_15 Datasheet
237Kb / 11P
   High frequency DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com