전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7799L2PBF 데이터시트(PDF) 5 Page - International Rectifier

부품명 IRF7799L2PBF
상세설명  Optimized for Synchronous Rectification
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7799L2PBF 데이터시트(HTML) 5 Page - International Rectifier

  IRF7799L2PBF_15 Datasheet HTML 1Page - International Rectifier IRF7799L2PBF_15 Datasheet HTML 2Page - International Rectifier IRF7799L2PBF_15 Datasheet HTML 3Page - International Rectifier IRF7799L2PBF_15 Datasheet HTML 4Page - International Rectifier IRF7799L2PBF_15 Datasheet HTML 5Page - International Rectifier IRF7799L2PBF_15 Datasheet HTML 6Page - International Rectifier IRF7799L2PBF_15 Datasheet HTML 7Page - International Rectifier IRF7799L2PBF_15 Datasheet HTML 8Page - International Rectifier IRF7799L2PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
February 24, 2014
IRF7799L2PbF
Fig 13. Typical Threshold Voltage vs.
Junction Temperature
Fig 12. Maximum Drain Current vs. Case Temperature
Fig 10. Typical Source-Drain Diode Forward Voltage
Fig11. Maximum Safe Operating Area
Fig 14. Maximum Avalanche Energy Vs. Drain Current
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
OPERATION IN THIS AREA
LIMITED BY R DS(on)
Tc = 25°C
Tj = 175°C
Single Pulse
100μsec
1msec
10msec
DC
-75 -50 -25 0
25 50 75 100 125 150 175
TJ , Temperature ( °C )
1.0
2.0
3.0
4.0
5.0
6.0
ID = 250μA
ID = 1.0mA
ID = 1.0A
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
10
20
30
40
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
200
400
600
800
1000
1200
1400
ID
TOP
1.33A
2.53A
BOTTOM 21A
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
1000
TJ = 175°C
TJ = 25°C
TJ = -40°C
VGS = 0V


유사한 부품 번호 - IRF7799L2PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7799L2PBF IRF-IRF7799L2PBF Datasheet
268Kb / 11P
   RoHS Compliant, Halogen Free
More results

유사한 설명 - IRF7799L2PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7759L2PBF IRF-IRF7759L2PBF_15 Datasheet
274Kb / 11P
   Optimized for Synchronous Rectification
IRF7769L1PBF IRF-IRF7769L1PBF_15 Datasheet
267Kb / 10P
   Optimized for Synchronous Rectification
logo
Infineon Technologies A...
BSZ025N04LS INFINEON-BSZ025N04LS Datasheet
1Mb / 12P
   Optimized for synchronous rectification
Rev.2.1,2014-06-27
logo
International Rectifier
IRF7171MPBF IRF-IRF7171MPBF_15 Datasheet
751Kb / 11P
   Optimized for Synchronous Rectification
IRF6674PBF IRF-IRF6674PBF_15 Datasheet
255Kb / 9P
   Optimized for Synchronous Rectification
IRF7748L1PBF IRF-IRF7748L1PBF_15 Datasheet
442Kb / 10P
   Optimized for Synchronous Rectification
IRF7779L2PBF IRF-IRF7779L2PBF_15 Datasheet
266Kb / 11P
   Optimized for Synchronous Rectification
logo
Infineon Technologies A...
IPD025N06NATMA1 INFINEON-IPD025N06NATMA1 Datasheet
621Kb / 9P
   Optimized for synchronous rectification
Rev.2.3 2012-12-20
logo
International Rectifier
IRF7739L1PBF IRF-IRF7739L1PBF_15 Datasheet
278Kb / 10P
   Optimized for Synchronous Rectification
IRF6644PBF IRF-IRF6644PBF_15 Datasheet
261Kb / 10P
   Optimized for Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com