전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7805PBF 데이터시트(PDF) 3 Page - International Rectifier

부품명 IRF7805PBF
상세설명  N Channel Application Specific MOSFETs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7805PBF 데이터시트(HTML) 3 Page - International Rectifier

  IRF7805PBF_15 Datasheet HTML 1Page - International Rectifier IRF7805PBF_15 Datasheet HTML 2Page - International Rectifier IRF7805PBF_15 Datasheet HTML 3Page - International Rectifier IRF7805PBF_15 Datasheet HTML 4Page - International Rectifier IRF7805PBF_15 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.irf.com
3
IRF7805PbF
Fig 3. Typical Rds(on) vs. Gate-to-Source Voltage
Fig 2. Typical Gate Charge vs. Gate-to-Source Voltage
Fig 1. Normalized On-Resistance vs. Temperature
Typical Characteristics
0.1
1
10
0.4
0.5
0.6
0.7
0.8
0.9
V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25 C
J
°
T = 150 C
J
°
Fig 4. Typical Source-Drain Diode Forward Voltage
0.1
1
10
100
0.001
0.01
0.1
1
10
100
1000
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJA
A
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)
Figure 5. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient


유사한 부품 번호 - IRF7805PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7805PBF-1 IRF-IRF7805PBF-1 Datasheet
195Kb / 6P
   Industry-standard pinout SO-8 Package
logo
Infineon Technologies A...
IRF7805PBF-1 INFINEON-IRF7805PBF-1 Datasheet
338Kb / 6P
   HEXFET짰 Chip-Set for DC-DC Converters
2016-08-23
logo
International Rectifier
IRF7805PBF-1 IRF-IRF7805PBF-1_15 Datasheet
195Kb / 6P
   Industry-standard pinout SO-8 Package
More results

유사한 설명 - IRF7805PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLR8103V IRF-IRLR8103V Datasheet
151Kb / 8P
   N-Channel Application-Specific MOSFETs
IRF7811WGPBF IRF-IRF7811WGPBF Datasheet
190Kb / 6P
   N-Channel Application-Specific MOSFETs
IRF7822TRPBF IRF-IRF7822TRPBF Datasheet
148Kb / 6P
   N-Channel Application-Specific MOSFETs
IRF7809 IRF-IRF7809 Datasheet
132Kb / 4P
   N-Channel Application-Specific MOSFETs
IRLR8103 IRF-IRLR8103 Datasheet
42Kb / 4P
   N-Channel Application-Specific MOSFETs
IRF7811AVTRPBF IRF-IRF7811AVTRPBF Datasheet
116Kb / 6P
   N-Channel Application-Specific MOSFETs
IRF7811AVPBF IRF-IRF7811AVPBF_15 Datasheet
116Kb / 6P
   N-Channel Application-Specific MOSFETs
IRF7811AV IRF-IRF7811AV Datasheet
132Kb / 6P
   N-Channel Application-Specific MOSFETs
IRF7805ATRPBF IRF-IRF7805ATRPBF Datasheet
246Kb / 8P
   N Channel Application Specific MOSFETs
IRF7805TRPBF IRF-IRF7805TRPBF Datasheet
230Kb / 5P
   N Channel Application Specific MOSFETs
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com