전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7807PBF 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRF7807PBF
상세설명  N Channel Application Specific MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7807PBF 데이터시트(HTML) 1 Page - International Rectifier

  IRF7807PBF_15 Datasheet HTML 1Page - International Rectifier IRF7807PBF_15 Datasheet HTML 2Page - International Rectifier IRF7807PBF_15 Datasheet HTML 3Page - International Rectifier IRF7807PBF_15 Datasheet HTML 4Page - International Rectifier IRF7807PBF_15 Datasheet HTML 5Page - International Rectifier IRF7807PBF_15 Datasheet HTML 6Page - International Rectifier IRF7807PBF_15 Datasheet HTML 7Page - International Rectifier IRF7807PBF_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Parameter
Symbol
IRF7807
IRF7807A
Units
Drain-Source Voltage
V
DS
30
V
Gate-Source Voltage
V
GS
±12
Continuous Drain or Source
25°C
I
D
8.3
8.3
A
Current (V
GS ≥ 4.5V)
70°C
6.6
6.6
Pulsed Drain Current

I
DM
66
66
Power Dissipation
25°C
P
D
2.5
W
70°C
1.6
Junction & Storage Temperature Range
T
J, TSTG
–55 to 150
°C
Continuous Source Current (Body Diode)

I
S
2.5
2.5
A
Pulsed source Current
I
SM
66
66
• N Channel Application Specific MOSFETs
• Ideal for Mobile DC-DC Converters
• Low Conduction Losses
• Low Switching Losses
• Lead-Free
Description
These new devices employ advanced HEXFET
Power MOSFET technology to achieve an
unprecedented balance of on-resistance and gate
charge. The reduced conduction and switching losses
make them ideal for high efficiency DC-DC
Converters that power the latest generation of mobile
microprocessors.
A pair of IRF7807 devices provides the best cost/
performance solution for system voltages, such as 3.3V
and 5V.
HEXFET® Chip-Set for DC-DC Converters
Absolute Maximum Ratings
Parameter
Max.
Units
Maximum Junction-to-Ambient
ƒ
Rθ
JA
50
°C/W
Thermal Resistance
To p V ie w
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
IRF7807PbF
IRF7807APbF
www.irf.com
1
09/22/04
SO-8
IRF7807 IRF7807A
Vds
30V
30V
Rds(on)
25m
25m
Qg
17nC
17nC
Qsw
5.2nC
Qoss
16.8nC
16.8nC
Device Features
PD – 95290


유사한 부품 번호 - IRF7807PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7807PBF-1 IRF-IRF7807PBF-1 Datasheet
262Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7807PBF-1 IRF-IRF7807PBF-1_15 Datasheet
262Kb / 9P
   Industry-standard pinout SO-8 Package
More results

유사한 설명 - IRF7807PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7805PBF IRF-IRF7805PBF_15 Datasheet
230Kb / 5P
   N Channel Application Specific MOSFETs
IRLR8103V IRF-IRLR8103V Datasheet
151Kb / 8P
   N-Channel Application-Specific MOSFETs
IRF7811WGPBF IRF-IRF7811WGPBF Datasheet
190Kb / 6P
   N-Channel Application-Specific MOSFETs
IRF7822TRPBF IRF-IRF7822TRPBF Datasheet
148Kb / 6P
   N-Channel Application-Specific MOSFETs
IRF7809 IRF-IRF7809 Datasheet
132Kb / 4P
   N-Channel Application-Specific MOSFETs
IRLR8103 IRF-IRLR8103 Datasheet
42Kb / 4P
   N-Channel Application-Specific MOSFETs
IRF7811AVTRPBF IRF-IRF7811AVTRPBF Datasheet
116Kb / 6P
   N-Channel Application-Specific MOSFETs
IRF7811AVPBF IRF-IRF7811AVPBF_15 Datasheet
116Kb / 6P
   N-Channel Application-Specific MOSFETs
IRF7811AV IRF-IRF7811AV Datasheet
132Kb / 6P
   N-Channel Application-Specific MOSFETs
IRF7805ATRPBF IRF-IRF7805ATRPBF Datasheet
246Kb / 8P
   N Channel Application Specific MOSFETs
IRF7805TRPBF IRF-IRF7805TRPBF Datasheet
230Kb / 5P
   N Channel Application Specific MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com