전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7821PBF 데이터시트(PDF) 3 Page - International Rectifier

부품명 IRF7821PBF
상세설명  Fully Characterized Avalanche Voltage and Current
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7821PBF 데이터시트(HTML) 3 Page - International Rectifier

  IRF7821PBF Datasheet HTML 1Page - International Rectifier IRF7821PBF Datasheet HTML 2Page - International Rectifier IRF7821PBF Datasheet HTML 3Page - International Rectifier IRF7821PBF Datasheet HTML 4Page - International Rectifier IRF7821PBF Datasheet HTML 5Page - International Rectifier IRF7821PBF Datasheet HTML 6Page - International Rectifier IRF7821PBF Datasheet HTML 7Page - International Rectifier IRF7821PBF Datasheet HTML 8Page - International Rectifier IRF7821PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IRF7821PbF
www.irf.com
3
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
2.0
3.0
4.0
5.0
6.0
VGS, Gate-to-Source Voltage (V)
0.1
1.0
10.0
100.0
TJ = 25°C
TJ = 150°C
VDS = 15V
20µs PULSE WIDTH
-60 -40 -20
0
20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
ID = 13A
VGS = 10V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
2.5V
20µs PULSE WIDTH
Tj = 25°C
VGS
TOP
10V
4.5V
3.7V
3.5V
3.3V
3.0V
2.7V
BOTTOM 2.5V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
2.5V
20µs PULSE WIDTH
Tj = 150°C
VGS
TOP
10V
4.5V
3.7V
3.5V
3.3V
3.0V
2.7V
BOTTOM 2.5V


유사한 부품 번호 - IRF7821PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7821PBF IRF-IRF7821PBF Datasheet
285Kb / 10P
   HEXFET짰Power MOSFET
IRF7821PBF-1 IRF-IRF7821PBF-1 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
More results

유사한 설명 - IRF7821PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF9910PBF IRF-IRF9910PBF_15 Datasheet
299Kb / 10P
   Fully Characterized Avalanche Voltage and Current
IRF8707PBF IRF-IRF8707PBF_15 Datasheet
254Kb / 9P
   Fully Characterized Avalanche Voltage and Current
logo
Shenzhen Huazhimei Semi...
HM85N02K HMSEMI-HM85N02K Datasheet
705Kb / 6P
   Fully characterized avalanche voltage and current
logo
International Rectifier
IRF8313PBF IRF-IRF8313PBF_15 Datasheet
260Kb / 10P
   Fully Characterized Avalanche Voltage and Current
logo
Kersemi Electronic Co.,...
IRF1310NS KERSEMI-IRF1310NS Datasheet
1Mb / 10P
   Fully Avalanche Rated
logo
International Rectifier
IRF3305PBF IRF-IRF3305PBF_15 Datasheet
273Kb / 9P
   FULLY AVALANCHE RATED
logo
Kersemi Electronic Co.,...
IRF1010NS KERSEMI-IRF1010NS Datasheet
1Mb / 10P
   Fully Avalanche Rated
logo
GOOD-ARK Electronics
BSOZAA50M GOOD-ARK-BSOZAA50M Datasheet
42Kb / 1P
   Avalanche Voltage 37 to 41Volts Current 50 Amps
logo
International Rectifier
IRLRU3410 IRF-IRLRU3410 Datasheet
167Kb / 10P
   Logic Level Gate Drive / Fully Avalanche Rated
logo
GOOD-ARK Electronics
GAABJ50Z GOOD-ARK-GAABJ50Z_15 Datasheet
45Kb / 1P
    Press Fit Avalanche Automotive Rectifier Avalanche Voltage 24 to 32Volts Current 50 Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com