전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF8113PBF-1 데이터시트(PDF) 5 Page - International Rectifier

부품명 IRF8113PBF-1
상세설명  Industry-standard pinout SO-8 Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF8113PBF-1 데이터시트(HTML) 5 Page - International Rectifier

  IRF8113PBF-1 Datasheet HTML 1Page - International Rectifier IRF8113PBF-1 Datasheet HTML 2Page - International Rectifier IRF8113PBF-1 Datasheet HTML 3Page - International Rectifier IRF8113PBF-1 Datasheet HTML 4Page - International Rectifier IRF8113PBF-1 Datasheet HTML 5Page - International Rectifier IRF8113PBF-1 Datasheet HTML 6Page - International Rectifier IRF8113PBF-1 Datasheet HTML 7Page - International Rectifier IRF8113PBF-1 Datasheet HTML 8Page - International Rectifier IRF8113PBF-1 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
June 23, 2014
IRF8113PbF-1
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
Fig 9. Maximum Drain Current Vs.
Case Temperature
Fig 10. Threshold Voltage Vs. Temperature
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
100
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
100
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthja + Tc
-75
-50
-25
0
25
50
75
100 125 150
TJ , Temperature ( °C )
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
ID = 250μA
τ
J
τ
J
τ
1
τ
1
τ
2
τ
2
τ
3
τ
3
R
1
R
1
R
2
R
2
R
3
R
3
Ci
i
/Ri
Ci=
τi/Ri
τ
τ
C
τ
4
τ
4
R
4
R
4
Ri (°C/W)
τi (sec)
0.924
0.000228
13.395
0.1728
22.046
1.5543
14.911
22.5
25
50
75
100
125
150
TJ , Junction Temperature (°C)
0
2
4
6
8
10
12
14
16
18


유사한 부품 번호 - IRF8113PBF-1

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF8113PBF IRF-IRF8113PBF Datasheet
218Kb / 10P
   HEXFET짰Power MOSFET
IRF8113PBF IRF-IRF8113PBF Datasheet
224Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF8113PBF IRF-IRF8113PBF_15 Datasheet
224Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
More results

유사한 설명 - IRF8113PBF-1

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7420PBF-1 IRF-IRF7420PBF-1_15 Datasheet
196Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7456PBF-1 IRF-IRF7456PBF-1_15 Datasheet
197Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7469PBF-1 IRF-IRF7469PBF-1_15 Datasheet
210Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7103PBF-1 IRF-IRF7103PBF-1_15 Datasheet
281Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8252PBF-1 IRF-IRF8252PBF-1_15 Datasheet
222Kb / 10P
   Industry-standard pinout SO-8 Package
IRF3717PBF-1 IRF-IRF3717PBF-1 Datasheet
258Kb / 10P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com