전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF8306MPBF 데이터시트(PDF) 7 Page - International Rectifier

부품명 IRF8306MPBF
상세설명  Integrated Monolithic Schottky Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF8306MPBF 데이터시트(HTML) 7 Page - International Rectifier

Back Button IRF8306MPBF_15 Datasheet HTML 2Page - International Rectifier IRF8306MPBF_15 Datasheet HTML 3Page - International Rectifier IRF8306MPBF_15 Datasheet HTML 4Page - International Rectifier IRF8306MPBF_15 Datasheet HTML 5Page - International Rectifier IRF8306MPBF_15 Datasheet HTML 6Page - International Rectifier IRF8306MPBF_15 Datasheet HTML 7Page - International Rectifier IRF8306MPBF_15 Datasheet HTML 8Page - International Rectifier IRF8306MPBF_15 Datasheet HTML 9Page - International Rectifier IRF8306MPBF_15 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
May 7, 2014
IRF8306MPbF
Fig 18.
Diode Reverse Recovery Test Circuit for HEXFET® Power MOSFETs
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
*** VGS = 5V for Logic Level Devices
***
+
-
+
+
+
-
-
-
ƒ
„
‚
RG
VDD
• dv/dt controlled by RG
• Driver same type as D.U.T.
• ISD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T

**
*
* Use P-Channel Driver for P-Channel Measurements
** Reverse Polarity for P-Channel
DirectFET™ Board Footprint, MX Outline
(Medium Size Can, X-Designation).
Please see DirectFET application note AN-1035 for all details regarding the assembly of DirectFET.
This includes all recommendations for stencil and substrate designs.
G
S
G=GATE
D=DRAIN
S=SOURCE
S
D
D
D
D
Note: For the most current drawing please refer to IR website at: http://www.irf.com/package/


유사한 부품 번호 - IRF8306MPBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF8306MPBF IRF-IRF8306MPBF Datasheet
280Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
More results

유사한 설명 - IRF8306MPBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6898MPBF IRF-IRF6898MPBF_15 Datasheet
249Kb / 9P
   Integrated Monolithic Schottky Diode
logo
Motorola, Inc
MC8T28 MOTOROLA-MC8T28 Datasheet
118Kb / 5P
   NONINVERTING BUS TRANSCEIVER MONOLITHIC SCHOTTKY INTEGRATED CIRCUITS
MC6875 MOTOROLA-MC6875 Datasheet
584Kb / 11P
   CLOCK GENERATOR/DRIVER (SCHOTTKY MONOLITHIC INTEGRATED CIRCUIT)
logo
Fairchild Semiconductor
FDZ3N513ZT FAIRCHILD-FDZ3N513ZT Datasheet
349Kb / 7P
   Integrated NMOS and Schottky Diode
logo
Tyco Electronics
MADP-064908-131000 MACOM-MADP-064908-131000 Datasheet
511Kb / 9P
   Surface Mount Monolithic Integrated PIN Diode Chip
MA4SW210B-1 MACOM-MA4SW210B-1 Datasheet
879Kb / 9P
   Monolithic Pin Diode Switches with Integrated Bias Network
logo
Linear Technology
LT3519 LINER-LT3519_15 Datasheet
271Kb / 20P
   LED Driver with Integrated Schottky Diode
LT3519-2 LINER-LT3519-2_15 Datasheet
271Kb / 20P
   LED Driver with Integrated Schottky Diode
LT3519-1 LINER-LT3519-1_15 Datasheet
271Kb / 20P
   LED Driver with Integrated Schottky Diode
LT3519 LINER-LT3519 Datasheet
245Kb / 16P
   LED Driver with Integrated Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com