전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

KTX101E_15 데이터시트(Datasheet) 2 Page - KEC(Korea Electronics)

부품명 KTX101E_15
상세내용  EPITAXIAL PLANAR NPN/PNP TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo 

   
 2 page
background image
KTX101E
Revision No : 3
2002. 1. 24
2/5
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT.
Collector Cut-off Current
ICBO
VCB=-50V, IE=0
-
-
-0.1
Emitter Cut-off Current
IEBO
VEB=-5V, IC=0
-
-
-0.1
DC Current Gain
hFE (Note)
VCE=-6V, IC=-2㎃
120
-
400
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=-100㎃, IB=-10㎃
-
-0.1
-0.3
V
Transition Frequency
fT
VCE=-10V, IC=-1㎃
80
-
-
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1㎒
-
4.0
7.0
Noise Figure
NF
VCE=-6V, IC=-0.1㎃, f=1㎑, Rg=10㏀
-
1.0
10
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT.
Collector Cut-off Current
ICBO
VCB=60V, IE=0
-
-
0.1
Emitter Cut-off Current
IEBO
VEB=5V, IC=0
-
-
0.1
DC Current Gain
hFE (Note)
VCE=6V, IC=2㎃
120
-
400
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=100㎃, IB=10㎃
-
0.1
0.25
V
Transition Frequency
fT
VCE=10V, IC=1㎃
80
-
-
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1㎒
-
2.0
3.5
Noise Figure
NF
VCE=6V, IC=0.1㎃, f=1㎑, Rg=10㏀
-
1.0
10
Q1 ELECTRICAL CHARACTERISTICS (Ta=25℃)
Q2 ELECTRICAL CHARACTERISTICS (Ta=25℃)
Note)hFE Classification : Y(4)120~240,
GR(6)200~400
Note)hFE Classification : Y(4)120~240,
GR(6)200~400




Html 페이지

1  2  3  4  5 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl