전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

KTX103E 데이터시트(Datasheet) 2 Page - KEC(Korea Electronics)

부품명 KTX103E
상세내용  EPITAXIAL PLANAR NPN/PNP TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo 

   
 2 page
background image
2008. 9. 23
2/4
KTX103E
Revision No : 2
Q1 ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=15V, IE=0
-
-
100
nA
Collector-Base Breakdown Voltage
V(BR)CBO
IE=10μ
A
15
-
-
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=1mA
12
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=10μ
A
6
-
-
V
DC Current Gain
hFE
VCE=2V, IC=10mA
270
-
680
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=200mA, IB=10mA
-
90
250
mV
Transition Frequency
fT
VCE=2V, IC=10mA, fT=100MHz
-
320
-
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
7.5
-
pF
Q2 ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-15V, IE=0
-
-
-100
nA
Collector-Base Breakdown Voltage
V(BR)CBO
IE=-10μ
A
-15
-
-
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-1mA
-12
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=-10μ
A
-6
-
-
V
DC Current Gain
hFE
VCE=-2V, IC=-10mA
270
-
680
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-200mA, IB=-10mA
-
-100
-250
mV
Transition Frequency
fT
VCE=-2V, IC=-10mA, fT=100MHz
-
260
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
6.5
-
pF




Html 페이지

1  2  3  4 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl