전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

KTX111T_15 데이터시트(Datasheet) 1 Page - KEC(Korea Electronics)

부품명 KTX111T_15
상세내용  EPITAXIAL PLANAR NPN/PNP TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo 

   
 1 page
background image
2002. 1. 24
1/4
SEMICONDUCTOR
TECHNICAL DATA
KTX111T
EPITAXIAL PLANAR NPN/PNP TRANSISTOR
Revision No : 1
GENERAL PURPOSE APPLICATION.
FEATURES
Including two devices in TS6.
(Thin Super Mini type with 6 pin)
Simplify circuit design.
Reduce a quantity of parts and manufacturing process.
DIM
MILLIMETERS
A
B
D
E
TS6
2.9 0.2
1.6+0.2/-0.1
0.70 0.05
0.4 0.1
2.8+0.2/-0.3
1.9 0.2
0.95
0.16 0.05
0.00-0.10
0.25+0.25/-0.15
C
F
G
H
I
J
K
0.60
L
0.55
K
K
B
E
H
J
J
2
3
5
16
4
+
_
+
_
+
_
+
_
+
_
1. Q
EMITTER
4. Q
EMITTER
3. Q
COLLECTOR
5. Q
BASE
6. Q
COLLECTOR
1
2
2. Q
BASE
1
1
2
2
Q1 MAXIMUM RATINGS (Ta=25
)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
35
V
Collector-Emitter Voltage
VCEO
30
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
500
Emitter Current
IE
-500
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-35
V
Collector-Emitter Voltage
VCEO
-30
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-500
Emitter Current
IE
500
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector Power Dissipation
PC *
0.9
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
EQUIVALENT CIRCUIT (TOP VIEW)
1
Q1
Q2
23
65
4
h
Rank
FE
Type Name
Marking
Lot No.
B
12
3
65
4
Q2 MAXIMUM RATINGS (Ta=25
)
Q1, Q2 MAXIMUM RATINGS (Ta=25
)
* Package mounted on a ceramic board (600
0.8
)




Html 페이지

1  2  3  4 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl