전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF8788PBF-1 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRF8788PBF-1
상세설명  Industry-standard pinout SO-8 Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF8788PBF-1 데이터시트(HTML) 1 Page - International Rectifier

  IRF8788PBF-1_15 Datasheet HTML 1Page - International Rectifier IRF8788PBF-1_15 Datasheet HTML 2Page - International Rectifier IRF8788PBF-1_15 Datasheet HTML 3Page - International Rectifier IRF8788PBF-1_15 Datasheet HTML 4Page - International Rectifier IRF8788PBF-1_15 Datasheet HTML 5Page - International Rectifier IRF8788PBF-1_15 Datasheet HTML 6Page - International Rectifier IRF8788PBF-1_15 Datasheet HTML 7Page - International Rectifier IRF8788PBF-1_15 Datasheet HTML 8Page - International Rectifier IRF8788PBF-1_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
Notes
 through … are on page 9
Top View
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
SO-8
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
PD @TA = 70°C
Power Dissipation
Linear Derating Factor
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
g
–––
20
RθJA
Junction-to-Ambient
fg
–––
50
°C/W
V
A
W
°C
Max.
24
19
190
±20
30
-55 to + 150
2.5
0.02
1.6
IRF8788PbF-1
VDS
30
V
RDS(on) max
(@VGS = 10V)
2.8
RDS(on) max
(@VGS = 4.5V)
3.8
Qg (typical)
44
nC
ID
(@TA = 25°C)
24
A
Features
Benefits
Industry-standard pinout SO-8 Package
Multi-Vendor Compatibility
Compatible with Existing Surface Mount Techniques
Easier Manufacturing
RoHS Compliant, Halogen-Free
Environmentally Friendlier
MSL1, Industrial qualification
Increased Reliability
Form
Quantity
Tube/Bulk
95
IRF8788PbF-1
Tape and Reel
4000
IRF8788TRPbF-1
Package Type
Standard Pack
Orderable Part Number
IRF8788PbF-1
SO-8
Base Part Number
1
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
June 23, 2014


유사한 부품 번호 - IRF8788PBF-1_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF8788PBF IRF-IRF8788PBF Datasheet
233Kb / 9P
   HEXFET Power MOSFET
IRF8788PBF IRF-IRF8788PBF Datasheet
233Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8788PBF IRF-IRF8788PBF Datasheet
233Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8788PBF IRF-IRF8788PBF_15 Datasheet
233Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
More results

유사한 설명 - IRF8788PBF-1_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7420PBF-1 IRF-IRF7420PBF-1_15 Datasheet
196Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7456PBF-1 IRF-IRF7456PBF-1_15 Datasheet
197Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7469PBF-1 IRF-IRF7469PBF-1_15 Datasheet
210Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7103PBF-1 IRF-IRF7103PBF-1_15 Datasheet
281Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8252PBF-1 IRF-IRF8252PBF-1_15 Datasheet
222Kb / 10P
   Industry-standard pinout SO-8 Package
IRF3717PBF-1 IRF-IRF3717PBF-1 Datasheet
258Kb / 10P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com