전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF9410PBF 데이터시트(PDF) 5 Page - International Rectifier

부품명 IRF9410PBF
상세설명  GENERATION V TECHNOLOGY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF9410PBF 데이터시트(HTML) 5 Page - International Rectifier

  IRF9410PBF Datasheet HTML 1Page - International Rectifier IRF9410PBF Datasheet HTML 2Page - International Rectifier IRF9410PBF Datasheet HTML 3Page - International Rectifier IRF9410PBF Datasheet HTML 4Page - International Rectifier IRF9410PBF Datasheet HTML 5Page - International Rectifier IRF9410PBF Datasheet HTML 6Page - International Rectifier IRF9410PBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IRF9410PbF
www.irf.com
5
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
Fig 10. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 9. Typical Capacitance Vs.
Drain-to-Source Voltage
0
200
400
600
800
1000
1
10
100
DS
V
, Drain-to-Source Voltage (V)
A
V
= 0V,
f = 1MHz
C
= C
+ C
, C
SHORTED
C
= C
C
= C
+ C
GS
iss
gs
gd
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss
0
6
12
18
24
30
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G
I =
D
2.0A
V
= 15V
DS
0.1
1
10
100
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Notes:
1. Duty factor D =
t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJA
A
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
0.50
SINGLE PULSE
(THERMAL RESPONSE)


유사한 부품 번호 - IRF9410PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF9410PBF IRF-IRF9410PBF Datasheet
170Kb / 7P
   HEXFET짰 Power MOSFET
More results

유사한 설명 - IRF9410PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7313TRPBF IRF-IRF7313TRPBF Datasheet
210Kb / 7P
   Generation V Technology
IRF7389TRPBF IRF-IRF7389TRPBF Datasheet
264Kb / 10P
   Generation V Technology
IRF7309TRPBF IRF-IRF7309TRPBF Datasheet
2Mb / 11P
   GENERATION V TECHNOLOGY
IRF7304TR IRF-IRF7304TR Datasheet
115Kb / 9P
   Generation V Technology
IRF7501TRPBF IRF-IRF7501TRPBF Datasheet
184Kb / 9P
   Generation V Technology
IRF7403TRPBF IRF-IRF7403TRPBF Datasheet
119Kb / 9P
   Generation V Technology
IRF7406TRPBF IRF-IRF7406TRPBF Datasheet
240Kb / 9P
   Generation V Technology
IRLML6302TR IRF-IRLML6302TR Datasheet
285Kb / 8P
   generation v technology
IRF7343TRPBF IRF-IRF7343TRPBF Datasheet
225Kb / 10P
   generation v technology
IRF7306TR IRF-IRF7306TR Datasheet
116Kb / 9P
   Generation V Technology
IRF7389PBF IRF-IRF7389PBF_15 Datasheet
264Kb / 10P
   GENERATION V TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com