전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF620_622 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 BF620_622
상세설명  NPN high-voltage transistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF620_622 데이터시트(HTML) 2 Page - NXP Semiconductors

  BF620_622_15 Datasheet HTML 1Page - NXP Semiconductors BF620_622_15 Datasheet HTML 2Page - NXP Semiconductors BF620_622_15 Datasheet HTML 3Page - NXP Semiconductors BF620_622_15 Datasheet HTML 4Page - NXP Semiconductors BF620_622_15 Datasheet HTML 5Page - NXP Semiconductors BF620_622_15 Datasheet HTML 6Page - NXP Semiconductors BF620_622_15 Datasheet HTML 7Page - NXP Semiconductors BF620_622_15 Datasheet HTML 8Page - NXP Semiconductors BF620_622_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2004 Dec 14
2
NXP Semiconductors
Product data sheet
NPN high-voltage transistors
BF620; BF622
FEATURES
• Low current (max. 50 mA)
• High voltage (max. 300 V).
APPLICATIONS
• Video output stages.
DESCRIPTION
NPN high-voltage transistor in a SOT89 plastic package.
PNP complements: BF621 and BF623.
PINNING
PIN
DESCRIPTION
1
emitter
2
collector
3
base
321
sym042
1
2
3
Fig.1 Simplified outline (SOT89) and symbol.
MARKING
TYPE NUMBER
MARKING CODE
BF620
DC
BF622
DA
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
BF620
SC-62
plastic surface mounted package; collector pad for good heat
transfer; 3 leads
SOT89
BF622


유사한 부품 번호 - BF620_622_15

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
BF620-T1 ETC1-BF620-T1 Datasheet
34Kb / 2P
   The Small-signal NPN Silicon High Voltage Medium-Power Transistor
BF6200-20B ETC2-BF6200-20B Datasheet
196Kb / 1P
   SINGLE LEAD TIPLESS MINIATURE FLUORESCENT LAMP
logo
Guangdong Kexin Industr...
BF620 KEXIN-BF620_15 Datasheet
319Kb / 1P
   NPN Transistors
logo
SHENZHEN YONGERJIA INDU...
BF620 WINNERJOIN-BF620_15 Datasheet
125Kb / 1P
   PNP TRANSISTOR
More results

유사한 설명 - BF620_622_15

제조업체부품명데이터시트상세설명
logo
Seme LAB
2N3439 SEME-LAB-2N3439 Datasheet
18Kb / 2P
   HIGH VOLTAGE NPN TRANSISTORS
logo
NXP Semiconductors
2N5550 PHILIPS-2N5550 Datasheet
43Kb / 8P
   NPN high-voltage transistors
1999 Apr 23
BF720 PHILIPS-BF720 Datasheet
42Kb / 8P
   NPN high-voltage transistors
1999 Apr 21
BF820W PHILIPS-BF820W Datasheet
52Kb / 8P
   NPN high-voltage transistors
1997 Sep 03
BST39 PHILIPS-BST39 Datasheet
40Kb / 8P
   NPN high-voltage transistors
1999 Apr 26
PMST5550 PHILIPS-PMST5550 Datasheet
57Kb / 8P
   NPN high-voltage transistors
1999 Apr 29
BF820_BF822 PHILIPS-BF820_BF822_15 Datasheet
105Kb / 6P
   NPN high-voltage transistors
2004 Jan 16
logo
Guangdong Kexin Industr...
BSR19 KEXIN-BSR19 Datasheet
39Kb / 2P
   NPN High-Voltage Transistors
logo
Weitron Technology
MPSA44 WEITRON-MPSA44 Datasheet
895Kb / 4P
   High-Voltage NPN Transistors
logo
Guangdong Kexin Industr...
BST39 KEXIN-BST39 Datasheet
52Kb / 2P
   NPN High-Voltage Transistors
logo
NXP Semiconductors
BF720 NXP-BF720 Datasheet
104Kb / 6P
   NPN high-voltage transistors
1999 Apr 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com