전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KDS160E 데이터시트(PDF) 1 Page - KEC(Korea Electronics)

부품명 KDS160E
상세설명  SILICON EPITAXIAL PLANAR DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDS160E 데이터시트(HTML) 1 Page - KEC(Korea Electronics)

  KDS160E_15 Datasheet HTML 1Page - KEC(Korea Electronics) KDS160E_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2013. 3. 31
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDS160E
SILICON EPITAXIAL PLANAR DIODE
Revision No : 5
ULTRA HIGH SPEED SWITCHING APPLICATION.
FEATURES
・Small Package : ESC.
・Low Forward Voltage.
・Fast Reverse Recovery Time.
・Small Total capacitance.
MAXIMUM RATING (Ta=25
℃)
1. ANODE
2. CATHODE
ESC
DIM
MILLIMETERS
A
B
C
D
E
1.60 0.10
1.20 0.10
0.80 0.10
0.30 0.05
0.60 0.10
D
C
1
2
E
F
0.13 0.05
F
G
+
_
+
_
+
_
+
_
+
_
+
_
0.20 0.10
+
_
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
Type Name
Marking
F
U
CHARACTERISTIC
SYMBOL
RATING
UNIT
Maximum (Peak) Reverse Voltage
VRM
85
V
Reverse Voltage
VR
80
V
Maximum (Peak) Forward Current
IFM
300
mA
Average Forward Current
IO
100
mA
Surge Current (10mS)
IFSM
2
A
Power Dissipation
PD*
150
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
~150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF(1)
IF=1mA
-
0.60
-
V
VF(2)
IF=10mA
-
0.72
-
VF(3)
IF=100mA
-
0.90
1.20
Reverse Current
IR
VR=80V
-
-
0.5
μA
Total Capacitance
CT
VR=0V, f=1MHz
-
0.9
3.0
pF
Reverse Recovery Time
trr
IF=10mA
-
1.6
4.0
nS
* : Mounted on a glass epoxy circuit board of 20
×20mm,
pad dimension of 4
×4mm.


유사한 부품 번호 - KDS160E_15

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KDS160E KEC-KDS160E_03 Datasheet
84Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDS160E KEC-KDS160E_05 Datasheet
14Kb / 1P
   ESC PACKAGE
More results

유사한 설명 - KDS160E_15

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
1N4148M SEMTECH-1N4148M Datasheet
133Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE?
1N914 SEMTECH-1N914 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
KEC(Korea Electronics)
KDV348E_0911 KEC-KDV348E_0911 Datasheet
46Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV1480 KEC-KDV1480 Datasheet
75Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDZ2.0FV KEC-KDZ2.0FV Datasheet
480Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS380_0711 BILIN-1SS380_0711 Datasheet
89Kb / 2P
   Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
   Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
MA2ZV03 KEXIN-MA2ZV03 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
1SV245 KEXIN-1SV245 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
   Silicon Epitaxial Planar Diode
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com