전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KDS112E 데이터시트(PDF) 2 Page - KEC(Korea Electronics)

부품명 KDS112E
상세설명  SILICON EPITAXIAL TYPE DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDS112E 데이터시트(HTML) 2 Page - KEC(Korea Electronics)

  KDS112E_15 Datasheet HTML 1Page - KEC(Korea Electronics) KDS112E_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2014. 3. 31
2/2
KDS112E
Revision No : 2
10
0
FORWARD VOLTAGE V
(V)
I
- VF
F
REVERSE VOLTAGE V
(V)
R
R
T
C
- V
FORWARD CURRENT I
(mA)
0.3
1
310
20
r
- I
s
F
F
5
0.5
1
3
Ta=25 C
f=100MHz
1
0.3
0.5
1
3
35
10
20
f=1MHz
Ta=25 C
F
0.4
0.8
1.2
1.6
2.0
2.4
-4
10
-3
10
-2
10
-1
Ta=25 C


유사한 부품 번호 - KDS112E_15

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KDS112E KEC-KDS112E Datasheet
25Kb / 1P
   ESM PACKAGE
More results

유사한 설명 - KDS112E_15

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KDS112V KEC-KDS112V Datasheet
67Kb / 2P
   SILICON EPITAXIAL TYPE DIODE
KDS120V KEC-KDS120V_15 Datasheet
34Kb / 1P
   SILICON EPITAXIAL TYPE DIODE
KDS112 KEC-KDS112_15 Datasheet
352Kb / 2P
   SILICON EPITAXIAL TYPE DIODE
KDS120 KEC-KDS120_08 Datasheet
42Kb / 2P
   SILICON EPITAXIAL TYPE DIODE
KDS120 KEC-KDS120_15 Datasheet
528Kb / 2P
   SILICON EPITAXIAL TYPE DIODE
KDS120E KEC-KDS120E_15 Datasheet
356Kb / 2P
   SILICON EPITAXIAL TYPE DIODE
KDS120V KEC-KDS120V Datasheet
68Kb / 1P
   SILICON EPITAXIAL TYPE DIODE
BAW56T KEC-BAW56T Datasheet
40Kb / 2P
   SILICON EPITAXIAL TYPE DIODE
logo
Toshiba Semiconductor
015AZ2 TOSHIBA-015AZ2 Datasheet
234Kb / 5P
   Diode Silicon Epitaxial Planar Type
1N4606 TOSHIBA-1N4606 Datasheet
37Kb / 1P
   SILICON EPITAXIAL PLANAR TYPE DIODE
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com