전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1803T-H 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 2SD1803T-H
상세설명  Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1803T-H 데이터시트(HTML) 4 Page - ON Semiconductor

  2SD1803T-H Datasheet HTML 1Page - ON Semiconductor 2SD1803T-H Datasheet HTML 2Page - ON Semiconductor 2SD1803T-H Datasheet HTML 3Page - ON Semiconductor 2SD1803T-H Datasheet HTML 4Page - ON Semiconductor 2SD1803T-H Datasheet HTML 5Page - ON Semiconductor 2SD1803T-H Datasheet HTML 6Page - ON Semiconductor 2SD1803T-H Datasheet HTML 7Page - ON Semiconductor 2SD1803T-H Datasheet HTML 8Page - ON Semiconductor 2SD1803T-H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2SB1203 / 2SD1803
No.2085-4/10
VCE(sat) -- IC
Collector Current, IC -- A
VCE(sat) -- IC
Collector Current, IC -- A
fT -- IC
Collector Current, IC -- A
fT -- IC
Collector Current, IC -- A
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
VBE(sat) -- IC
Collector Current, IC -- A
VBE(sat) -- IC
Collector Current, IC -- A
--0.1
--1.0
3
25 7
3
25 7
--10
3
25 7
2SB1203
VCE= --5V
100
3
2
7
5
1000
3
2
7
5
10
ITR09188
0.1
1.0
3
25 7
3
25 7
10
3
25 7
2SD1803
VCE=5V
100
3
2
7
5
1000
3
2
7
5
10
ITR09189
--1.0
--10
5
7
3
5
7
3
2
1.0
10
7
5
3
7
5
3
2
2SD1667
ITR09194
ITR09195
Ta= --25°C
25°C
2SB1203
IC / IB=20
2SD1803
IC / IB=20
75°C
Ta=75
°C
--25
°C
Ta=75
°C
--25°
C
Ta= --25°C
25°C
75°C
--0.1
--0.01 23
5
57
2 3
5 7
7
--1.0
23
5 7 --10
--1000
5
3
2
7
5
3
2
5
3
2
7
--100
--10
ITR09192
ITR09193
0.01
0.1
72 3
5
57
2 3
5 7 1.0
23
5 7 10
--0.1
--0.01
23
5
57
2 3
5 7
7
--1.0
23
5 7 --10
0.01
0.1
72 3
5
57
2 3
5 7 1.0
23
5 7 10
1000
5
3
7
2
5
3
7
2
5
3
2
100
10
25
°C
2SB1203
IC / IB=20
2SD1803
IC / IB=20
25°
C
37
2
1.0
10
53
7
25
7
5
100
ITR09191
2SD1803
f=1MHz
3
2
7
5
3
2
5
100
10
3
2
7
5
3
2
5
100
10
37
2
--1.0
--10
53
7
25
7
5
--100
ITR09190
2SB1203
f=1MHz


유사한 부품 번호 - 2SD1803T-H

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
2SD1803T-H ONSEMI-2SD1803T-H Datasheet
389Kb / 10P
   Bipolar Transistor
September, 2013
2SD1803T-H ONSEMI-2SD1803T-H Datasheet
389Kb / 10P
   Bipolar Transistor 50V, (??5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SD1803T-H ONSEMI-2SD1803T-H Datasheet
389Kb / 10P
   Bipolar Transistor
September, 2013
logo
Sanyo Semicon Device
2SD1803T-H SANYO-2SD1803T-H Datasheet
519Kb / 10P
   High-Current Switching Applications
More results

유사한 설명 - 2SD1803T-H

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
2SD1803T ONSEMI-2SD1803T Datasheet
389Kb / 10P
   Bipolar Transistor 50V, (??5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SC5706-TL-H ONSEMI-2SC5706-TL-H Datasheet
424Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SB1202 ONSEMI-2SB1202 Datasheet
100Kb / 7P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
September, 2013
2SA2040 ONSEMI-2SA2040 Datasheet
436Kb / 10P
   Bipolar Transistor (-)50V, (-)8A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SA2169 ONSEMI-2SA2169 Datasheet
426Kb / 10P
   Bipolar Transistor (-)50V, (-)10A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SB1201 ONSEMI-2SB1201 Datasheet
388Kb / 10P
   Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SD1805 ONSEMI-2SD1805 Datasheet
405Kb / 9P
   Bipolar Transistor 20V, 5A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
2SA2126 ONSEMI-2SA2126 Datasheet
382Kb / 9P
   Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
2SB1204 ONSEMI-2SB1204 Datasheet
378Kb / 9P
   Bipolar Transistor -50V, -8A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
2SB1215 ONSEMI-2SB1215 Datasheet
106Kb / 7P
   Bipolar Transistor (-)100V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
November, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com