전자부품 데이터시트 검색엔진 |
|
IRFP250MPBF 데이터시트(PDF) 2 Page - International Rectifier |
|
IRFP250MPBF 데이터시트(HTML) 2 Page - International Rectifier |
2 / 8 page IRFP250MPbF 2 www.irf.com S D G Parameter Min. Typ. Max. Units Conditions IS Continuous Source Current MOSFET symbol (Body Diode) ––– ––– showing the ISM Pulsed Source Current integral reverse (Body Diode) ––– ––– p-n junction diode. VSD Diode Forward Voltage ––– ––– 1.3 V TJ = 25°C, IS = 18A, VGS = 0V trr Reverse Recovery Time ––– 186 279 ns TJ = 25°C, IF = 18A Qrr Reverse Recovery Charge ––– 1.3 2.0 µC di/dt = 100A/µs ton Forward Turn-On Time Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD) Source-Drain Ratings and Characteristics 30 120 A Starting TJ = 25°C, L = 1.9mH RG = 25Ω, IAS = 18A. (See Figure 12) Repetitive rating; pulse width limited by max. junction temperature. (See Fig. 11) Notes: ISD ≤ 18A, di/dt ≤ 374A/µs, VDD ≤ V(BR)DSS, TJ ≤ 175°C Pulse width ≤ 300µs; duty cycle ≤ 2%. Parameter Min. Typ. Max. Units Conditions V(BR)DSS Drain-to-Source Breakdown Voltage 200 ––– ––– V VGS = 0V, ID = 250µA ∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient ––– 0.26 ––– V/°C Reference to 25°C, ID = 1mA RDS(on) Static Drain-to-Source On-Resistance ––– ––– 0.075 Ω VGS = 10V, ID = 18A VGS(th) Gate Threshold Voltage 2.0 ––– 4.0 V VDS = VGS, ID = 250µA gfs Forward Transconductance 17 ––– ––– S VDS = 50V, ID = 18A ––– ––– 25 µA VDS = 200V, VGS = 0V ––– ––– 250 VDS = 160V, VGS = 0V, TJ = 150°C Gate-to-Source Forward Leakage ––– ––– 100 VGS = 20V Gate-to-Source Reverse Leakage ––– ––– -100 nA VGS = -20V Qg Total Gate Charge ––– ––– 123 ID = 18A Qgs Gate-to-Source Charge ––– ––– 21 nC VDS = 160V Qgd Gate-to-Drain ("Miller") Charge ––– ––– 57 VGS = 10V, See Fig. 6 and 13 td(on) Turn-On Delay Time ––– 14 ––– VDD = 100V tr Rise Time ––– 43 ––– ID = 18A td(off) Turn-Off Delay Time ––– 41 ––– RG = 3.9Ω tf Fall Time ––– 33 ––– RD = 5.5Ω, See Fig. 10 Between lead, ––– ––– 6mm (0.25in.) from package and center of die contact Ciss Input Capacitance ––– 2159 ––– VGS = 0V Coss Output Capacitance ––– 315 ––– pF VDS = 25V Crss Reverse Transfer Capacitance ––– 83 ––– ƒ = 1.0MHz, See Fig. 5 nH Electrical Characteristics @ TJ = 25°C (unless otherwise specified) LD Internal Drain Inductance LS Internal Source Inductance ––– ––– S D G IGSS ns 4.5 7.5 IDSS Drain-to-Source Leakage Current |
유사한 부품 번호 - IRFP250MPBF_15 |
|
유사한 설명 - IRFP250MPBF_15 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |