전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP250NPBF 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRFP250NPBF
상세설명  Advanced Process Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP250NPBF 데이터시트(HTML) 1 Page - International Rectifier

  IRFP250NPBF Datasheet HTML 1Page - International Rectifier IRFP250NPBF Datasheet HTML 2Page - International Rectifier IRFP250NPBF Datasheet HTML 3Page - International Rectifier IRFP250NPBF Datasheet HTML 4Page - International Rectifier IRFP250NPBF Datasheet HTML 5Page - International Rectifier IRFP250NPBF Datasheet HTML 6Page - International Rectifier IRFP250NPBF Datasheet HTML 7Page - International Rectifier IRFP250NPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRFP250NPbF
HEXFET® Power MOSFET
08/18/10
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
30
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
21
A
IDM
Pulsed Drain Current

120
PD @TC = 25°C
Power Dissipation
214
W
Linear Derating Factor
1.4
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚
315
mJ
IAR
Avalanche Current

30
A
EAR
Repetitive Avalanche Energy

21
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
8.6
V/ns
TJ
Operating Junction and
-55 to +175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 srew
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.7
RθCS
Case-to-Sink, Flat, Greased Surface
0.24
–––
°C/W
RθJA
Junction-to-Ambient
–––
40
Thermal Resistance
www.irf.com
1
Fifth Generation HEXFETs from International Rectifier utilize advanced processing
techniques to achieve extremely low on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized device design that
HEXFET Power MOSFETs are well known for, provides the designer with an
extremely efficient and reliable device for use in a wide variety of applications.
The TO-247 package is preferred for commercial-industrial applications where
higher power levels preclude the use of TO-220 devices. The TO-247 is similar
but superior to the earlier TO-218 package because of its isolated mounting hole.
Description
VDSS = 200V
RDS(on) = 0.075Ω
ID = 30A
S
D
G
l Advanced Process Technology
l Dynamic dv/dt Rating
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
l Ease of Paralleling
l Simple Drive Requirements
TO-247AC
l Lead-Free
PD - 95007A


유사한 부품 번호 - IRFP250NPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP250NPBF IRF-IRFP250NPBF Datasheet
208Kb / 9P
   HEXFET짰 Power MOSFET
logo
Inchange Semiconductor ...
IRFP250NPBF ISC-IRFP250NPBF Datasheet
272Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Thinki Semiconductor Co...
IRFP250NPBF THINKISEMI-IRFP250NPBF Datasheet
2Mb / 8P
   ThinkiSemi 200V,30A N-Channel Planar Process Power MOSFETs
More results

유사한 설명 - IRFP250NPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com