전자부품 데이터시트 검색엔진 |
|
IRFP3306PBF 데이터시트(PDF) 2 Page - International Rectifier |
|
IRFP3306PBF 데이터시트(HTML) 2 Page - International Rectifier |
2 / 8 page IRFP3306PbF 2 www.irf.com Notes: Calculated continuous current based on maximum allowable junction temperature. Bond wire current limit is 120A. Note that current limitations arising from heating of the device leads may occur with some lead mounting arrangements. Repetitive rating; pulse width limited by max. junction temperature. Limited by TJmax, starting TJ = 25°C, L = 0.04mH RG = 25Ω, IAS = 96A, VGS =10V. Part not recommended for use above this value . S D G ISD ≤ 75A, di/dt ≤ 1400A/μs, VDD ≤ V(BR)DSS, TJ ≤ 175°C.
Pulse width ≤ 400μs; duty cycle ≤ 2%. Coss eff. (TR) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS. Coss eff. (ER) is a fixed capacitance that gives the same energy as Coss while VDS is rising from 0 to 80% VDSS. When mounted on 1" square PCB (FR-4 or G-10 Material). For recom mended footprint and soldering techniques refer to application note #AN-994. Rθ is measured at TJ approximately 90°C Static @ TJ = 25°C (unless otherwise specified) Symbol Parameter Min. Typ. Max. Units V(BR)DSS Drain-to-Source Breakdown Voltage 60 ––– ––– V ΔV(BR)DSS/ΔTJ Breakdown Voltage Temp. Coefficient ––– 0.07 ––– V/°C RDS(on) Static Drain-to-Source On-Resistance ––– 3.3 4.2 m Ω VGS(th) Gate Threshold Voltage 2.0 ––– 4.0 V IDSS Drain-to-Source Leakage Current ––– ––– 20 μA ––– ––– 250 IGSS Gate-to-Source Forward Leakage ––– ––– 100 nA Gate-to-Source Reverse Leakage ––– ––– -100 RG Internal Gate Resistance ––– 0.7 ––– Ω Dynamic @ TJ = 25°C (unless otherwise specified) Symbol Parameter Min. Typ. Max. Units gfs Forward Transconductance 230 ––– ––– S Qg Total Gate Charge ––– 85 120 nC Qgs Gate-to-Source Charge ––– 20 ––– Qgd Gate-to-Drain ("Miller") Charge ––– 26 Qsync Total Gate Charge Sync. (Qg - Qgd) ––– 59 ––– td(on) Turn-On Delay Time ––– 15 ––– ns tr Rise Time ––– 76 ––– td(off) Turn-Off Delay Time ––– 40 ––– tf Fall Time ––– 77 ––– Ciss Input Capacitance ––– 4520 ––– pF Coss Output Capacitance ––– 500 ––– Crss Reverse Transfer Capacitance ––– 250 ––– Coss eff. (ER) Effective Output Capacitance (Energy Related) ––– 720 ––– Coss eff. (TR) Effective Output Capacitance (Time Related)h ––– 880 ––– Diode Characteristics Symbol Parameter Min. Typ. Max. Units IS Continuous Source Current ––– ––– 160c A (Body Diode) ISM Pulsed Source Current ––– ––– 620 A (Body Diode) d VSD Diode Forward Voltage ––– ––– 1.3 V trr Reverse Recovery Time ––– 31 ns TJ = 25°C VR = 51V, ––– 35 TJ = 125°C IF = 75A Qrr Reverse Recovery Charge ––– 34 nC TJ = 25°C di/dt = 100A/μs g ––– 45 TJ = 125°C IRRM Reverse Recovery Current ––– 1.9 ––– A TJ = 25°C ton Forward Turn-On Time Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD) Conditions VDS = 50V, ID = 75A ID = 75A VGS = 20V VGS = -20V MOSFET symbol showing the VDS =30V Conditions VGS = 10V g VGS = 0V VDS = 50V ƒ = 1.0MHz, See Fig. 5 VGS = 0V, VDS = 0V to 48V i, See Fig. 11 VGS = 0V, VDS = 0V to 48V h TJ = 25°C, IS = 75A, VGS = 0V g integral reverse p-n junction diode. Conditions VGS = 0V, ID = 250μA Reference to 25°C, ID = 5mA d VGS = 10V, ID = 75A g VDS = VGS, ID = 150μA VDS = 60V, VGS = 0V VDS = 48V, VGS = 0V, TJ = 125°C ID = 75A RG = 2.7Ω VGS = 10V g VDD = 30V ID = 75A, VDS =0V, VGS = 10V |
유사한 부품 번호 - IRFP3306PBF_15 |
|
유사한 설명 - IRFP3306PBF_15 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |