전자부품 데이터시트 검색엔진 |
|
IRFP1405PBF 데이터시트(PDF) 2 Page - International Rectifier |
|
IRFP1405PBF 데이터시트(HTML) 2 Page - International Rectifier |
2 / 9 page IRFP1405PbF 2 www.irf.com S D G Electrical Characteristics @ TJ = 25°C (unless otherwise specified) Parameter Min. Typ. Max. Units V(BR)DSS Drain-to-Source Breakdown Voltage 55 ––– ––– V ∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient ––– 0.058 ––– V/°C RDS(on) Static Drain-to-Source On-Resistance ––– 4.2 5.3 m Ω VGS(th) Gate Threshold Voltage 2.0 ––– 4.0 V gfs Forward Transconductance 77 ––– ––– S IDSS Drain-to-Source Leakage Current ––– ––– 20 µA ––– ––– 250 IGSS Gate-to-Source Forward Leakage ––– ––– 200 nA Gate-to-Source Reverse Leakage ––– ––– -200 Qg Total Gate Charge ––– 120 180 Qgs Gate-to-Source Charge ––– 30 ––– nC Qgd Gate-to-Drain ("Miller") Charge ––– 53 ––– td(on) Turn-On Delay Time ––– 12 ––– tr Rise Time ––– 160 ––– td(off) Turn-Off Delay Time ––– 140 ––– ns tf Fall Time ––– 150 ––– LD Internal Drain Inductance ––– 5.0 ––– Between lead, nH 6mm (0.25in.) LS Internal Source Inductance ––– 13 ––– from package and center of die contact Ciss Input Capacitance ––– 5600 ––– Coss Output Capacitance ––– 1310 ––– Crss Reverse Transfer Capacitance ––– 350 ––– pF Coss Output Capacitance ––– 6550 ––– Coss Output Capacitance ––– 920 ––– Coss eff. Effective Output Capacitance ––– 1750 ––– Source-Drain Ratings and Characteristics Parameter Min. Typ. Max. Units IS Continuous Source Current ––– ––– 95 (Body Diode) A ISM Pulsed Source Current ––– ––– 640 (Body Diode) Ã VSD Diode Forward Voltage ––– ––– 1.3 V trr Reverse Recovery Time ––– 70 110 ns Qrr Reverse Recovery Charge ––– 170 260 nC ton Forward Turn-On Time Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD) VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz VGS = 0V, VDS = 44V, ƒ = 1.0MHz VGS = 0V, VDS = 0V to 44V f VGS = 10V e VDD = 28V ID = 95A RG = 2.6 Ω TJ = 25°C, IS = 95A, VGS = 0V e TJ = 25°C, IF = 95A, VDD = 28V di/dt = 100A/µs e Conditions VGS = 0V, ID = 250µA Reference to 25°C, ID = 1mA VGS = 10V, ID = 95A e VDS = VGS, ID = 250µA VDS = 55V, VGS = 0V VDS = 55V, VGS = 0V, TJ = 125°C MOSFET symbol showing the integral reverse p-n junction diode. VDS = 25V, ID = 95A ID = 95A VDS = 44V Conditions VGS = 10V e VGS = 0V VDS = 25V ƒ = 1.0MHz VGS = 20V VGS = -20V Repetitive rating; pulse width limited by max. junction temperature. (See fig. 11). Limited by TJmax, starting TJ = 25°C, L = 0.12mH RG = 25Ω, IAS = 95A, VGS =10V. Part not recommended for use above this value. Pulse width ≤ 1.0ms; duty cycle ≤ 2%. Notes: Coss eff. is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS .
Limited by TJmax , see Fig.12a, 12b, 15, 16 for typical repetitive avalanche performance. This value determined from sample failure population. 100% tested to this value in production. |
유사한 부품 번호 - IRFP1405PBF |
|
유사한 설명 - IRFP1405PBF |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |