전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP3415PBF 데이터시트(PDF) 3 Page - International Rectifier

부품명 IRFP3415PBF
상세설명  Advanced Process Technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP3415PBF 데이터시트(HTML) 3 Page - International Rectifier

  IRFP3415PBF_15 Datasheet HTML 1Page - International Rectifier IRFP3415PBF_15 Datasheet HTML 2Page - International Rectifier IRFP3415PBF_15 Datasheet HTML 3Page - International Rectifier IRFP3415PBF_15 Datasheet HTML 4Page - International Rectifier IRFP3415PBF_15 Datasheet HTML 5Page - International Rectifier IRFP3415PBF_15 Datasheet HTML 6Page - International Rectifier IRFP3415PBF_15 Datasheet HTML 7Page - International Rectifier IRFP3415PBF_15 Datasheet HTML 8Page - International Rectifier IRFP3415PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRFP3415PbF
www.irf.com
3
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
10
100
1000
1
10
100
20us PULSE WIDTH
T = 25 C
J
o
TOP
BOTTOM
VGS
15V
10V
8.0V
7.0V
6.0V
5.5V
5.5V
4.5V
V
, Drain-to-Source Voltage (V)
DS
4.5V
10
100
1000
1
10
100
20us PULSE WIDTH
T = 175 C
J
o
TOP
BOTTOM
VGS
15V
10V
8.0V
7.0V
6.0V
5.5V
5.5V
4.5V
V
, Drain-to-Source Voltage (V)
DS
4.5V
-60 -40 -20
0
20 40 60 80 100 120 140 160 180
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T , Junction Temperature ( C)
J
o
V
=
I =
GS
D
10V
37A
5.0V
5.0V
10
100
1000
4
5
6
7
8
9
10
V
= 50V
20µs PULSE WIDTH
DS
V
, Gate-to-Source Voltage (V)
GS
T = 25 C
J
°
T = 175 C
J
°


유사한 부품 번호 - IRFP3415PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP3415PBF IRF-IRFP3415PBF Datasheet
166Kb / 9P
   HEXFET짰 Power MOSFET
More results

유사한 설명 - IRFP3415PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com