전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP3703PBF 데이터시트(PDF) 5 Page - International Rectifier

부품명 IRFP3703PBF
상세설명  Synchronous Rectification
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP3703PBF 데이터시트(HTML) 5 Page - International Rectifier

  IRFP3703PBF_15 Datasheet HTML 1Page - International Rectifier IRFP3703PBF_15 Datasheet HTML 2Page - International Rectifier IRFP3703PBF_15 Datasheet HTML 3Page - International Rectifier IRFP3703PBF_15 Datasheet HTML 4Page - International Rectifier IRFP3703PBF_15 Datasheet HTML 5Page - International Rectifier IRFP3703PBF_15 Datasheet HTML 6Page - International Rectifier IRFP3703PBF_15 Datasheet HTML 7Page - International Rectifier IRFP3703PBF_15 Datasheet HTML 8Page - International Rectifier IRFP3703PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IRFP3703PbF
www.irf.com
5
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
10V
+
-VDD
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
Case Temperature
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)
25
50
75
100
125
150
175
0
50
100
150
200
250
T , Case Temperature ( C)
°
C
LIMITED BY PACKAGE


유사한 부품 번호 - IRFP3703PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP3703PBF IRF-IRFP3703PBF Datasheet
219Kb / 9P
   HEXFET Power MOSFET
More results

유사한 설명 - IRFP3703PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF3703PBF IRF-IRF3703PBF_15 Datasheet
188Kb / 9P
   Synchronous Rectification
logo
STMicroelectronics
STODD01 STMICROELECTRONICS-STODD01 Datasheet
1Mb / 31P
   Synchronous rectification
February 2011 Rev 2
ST2S06 STMICROELECTRONICS-ST2S06 Datasheet
339Kb / 18P
   Synchronous rectification
May 2013 Rev 6
STEVAL-ISA055V1 STMICROELECTRONICS-STEVAL-ISA055V1 Datasheet
78Kb / 4P
   Synchronous rectification
September 2008 Rev 1
STEVAL-ISA049V1 STMICROELECTRONICS-STEVAL-ISA049V1 Datasheet
172Kb / 4P
   Synchronous rectification
July 2009 Rev 1
logo
Fairchild Semiconductor
FAN6204 FAIRCHILD-FAN6204 Datasheet
814Kb / 14P
   Synchronous Rectification Controller
logo
ON Semiconductor
FAN6204A ONSEMI-FAN6204A Datasheet
1Mb / 16P
   Synchronous Rectification Controller
March 2017 Rev. 1.1
logo
Recom International Pow...
R-723.3X RECOM-R-723.3X Datasheet
113Kb / 5P
   Synchronous rectification design
logo
ON Semiconductor
FAN6224 ONSEMI-FAN6224 Datasheet
1Mb / 20P
   Synchronous Rectification Controller
September 2015 Rev. 1.4
logo
International Rectifier
IRF7171MPBF IRF-IRF7171MPBF_15 Datasheet
751Kb / 11P
   Optimized for Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com