전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP3703PBF 데이터시트(PDF) 6 Page - International Rectifier

부품명 IRFP3703PBF
상세설명  Synchronous Rectification
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP3703PBF 데이터시트(HTML) 6 Page - International Rectifier

  IRFP3703PBF_15 Datasheet HTML 1Page - International Rectifier IRFP3703PBF_15 Datasheet HTML 2Page - International Rectifier IRFP3703PBF_15 Datasheet HTML 3Page - International Rectifier IRFP3703PBF_15 Datasheet HTML 4Page - International Rectifier IRFP3703PBF_15 Datasheet HTML 5Page - International Rectifier IRFP3703PBF_15 Datasheet HTML 6Page - International Rectifier IRFP3703PBF_15 Datasheet HTML 7Page - International Rectifier IRFP3703PBF_15 Datasheet HTML 8Page - International Rectifier IRFP3703PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRFP3703PbF
6
www.irf.com
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
10 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
RG
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
25
50
75
100
125
150
175
0
1000
2000
3000
4000
5000
6000
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
31A
54A
76A


유사한 부품 번호 - IRFP3703PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP3703PBF IRF-IRFP3703PBF Datasheet
219Kb / 9P
   HEXFET Power MOSFET
More results

유사한 설명 - IRFP3703PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF3703PBF IRF-IRF3703PBF_15 Datasheet
188Kb / 9P
   Synchronous Rectification
logo
STMicroelectronics
STODD01 STMICROELECTRONICS-STODD01 Datasheet
1Mb / 31P
   Synchronous rectification
February 2011 Rev 2
ST2S06 STMICROELECTRONICS-ST2S06 Datasheet
339Kb / 18P
   Synchronous rectification
May 2013 Rev 6
STEVAL-ISA055V1 STMICROELECTRONICS-STEVAL-ISA055V1 Datasheet
78Kb / 4P
   Synchronous rectification
September 2008 Rev 1
STEVAL-ISA049V1 STMICROELECTRONICS-STEVAL-ISA049V1 Datasheet
172Kb / 4P
   Synchronous rectification
July 2009 Rev 1
logo
Fairchild Semiconductor
FAN6204 FAIRCHILD-FAN6204 Datasheet
814Kb / 14P
   Synchronous Rectification Controller
logo
ON Semiconductor
FAN6204A ONSEMI-FAN6204A Datasheet
1Mb / 16P
   Synchronous Rectification Controller
March 2017 Rev. 1.1
logo
Recom International Pow...
R-723.3X RECOM-R-723.3X Datasheet
113Kb / 5P
   Synchronous rectification design
logo
ON Semiconductor
FAN6224 ONSEMI-FAN6224 Datasheet
1Mb / 20P
   Synchronous Rectification Controller
September 2015 Rev. 1.4
logo
International Rectifier
IRF7171MPBF IRF-IRF7171MPBF_15 Datasheet
751Kb / 11P
   Optimized for Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com