전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP3703PBF 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRFP3703PBF
상세설명  Synchronous Rectification
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP3703PBF 데이터시트(HTML) 1 Page - International Rectifier

  IRFP3703PBF Datasheet HTML 1Page - International Rectifier IRFP3703PBF Datasheet HTML 2Page - International Rectifier IRFP3703PBF Datasheet HTML 3Page - International Rectifier IRFP3703PBF Datasheet HTML 4Page - International Rectifier IRFP3703PBF Datasheet HTML 5Page - International Rectifier IRFP3703PBF Datasheet HTML 6Page - International Rectifier IRFP3703PBF Datasheet HTML 7Page - International Rectifier IRFP3703PBF Datasheet HTML 8Page - International Rectifier IRFP3703PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
7/16/04
www.irf.com
1
IRFP3703PbF
SMPS MOSFET
HEXFET® Power MOSFET
l Synchronous Rectification
Benefits
Applications
l Low Gate Impedance to Reduce Switching
Losses
l Fully Avalanche Rated
VDSS
RDS(on) max
ID
30V
0.0028
210A†
Typical SMPS Topologies
l Forward and Bridge Converters with Synchronous Rectification for Telecom and
Industrial Applications
l Offline High Power AC/DC Convertors using Synchronous Rectification
Absolute Maximum Ratings
Notes
 through † are on page 8
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
210
†
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
100
†
A
IDM
Pulsed Drain Current

1000
PD @TC = 25°C
Power Dissipation
230
W
PD @TA = 25°C
Power Dissipation
3.8
Linear Derating Factor
1.5
W/°C
VGS
Gate-to-Source Voltage
± 20
V
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 175
°C
TO-247AC
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.65
RθCS
Case-to-Sink, Flat, Greased Surface
0.24
–––
°C/W
RθJA
Junction-to-Ambient
–––
40
Thermal Resistance
l Ultra Low On-Resistance
l Active ORing
PD - 95481
l Lead-Free


유사한 부품 번호 - IRFP3703PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP3703PBF IRF-IRFP3703PBF Datasheet
219Kb / 9P
   HEXFET Power MOSFET
More results

유사한 설명 - IRFP3703PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF3703PBF IRF-IRF3703PBF_15 Datasheet
188Kb / 9P
   Synchronous Rectification
logo
STMicroelectronics
STODD01 STMICROELECTRONICS-STODD01 Datasheet
1Mb / 31P
   Synchronous rectification
February 2011 Rev 2
ST2S06 STMICROELECTRONICS-ST2S06 Datasheet
339Kb / 18P
   Synchronous rectification
May 2013 Rev 6
STEVAL-ISA055V1 STMICROELECTRONICS-STEVAL-ISA055V1 Datasheet
78Kb / 4P
   Synchronous rectification
September 2008 Rev 1
STEVAL-ISA049V1 STMICROELECTRONICS-STEVAL-ISA049V1 Datasheet
172Kb / 4P
   Synchronous rectification
July 2009 Rev 1
logo
Fairchild Semiconductor
FAN6204 FAIRCHILD-FAN6204 Datasheet
814Kb / 14P
   Synchronous Rectification Controller
logo
ON Semiconductor
FAN6204A ONSEMI-FAN6204A Datasheet
1Mb / 16P
   Synchronous Rectification Controller
March 2017 Rev. 1.1
logo
Recom International Pow...
R-723.3X RECOM-R-723.3X Datasheet
113Kb / 5P
   Synchronous rectification design
logo
ON Semiconductor
FAN6224 ONSEMI-FAN6224 Datasheet
1Mb / 20P
   Synchronous Rectification Controller
September 2015 Rev. 1.4
logo
International Rectifier
IRF7171MPBF IRF-IRF7171MPBF_15 Datasheet
751Kb / 11P
   Optimized for Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com