전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP4004PBF 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRFP4004PBF
상세설명  High Efficiency Synchronous Rectification in SMPS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP4004PBF 데이터시트(HTML) 2 Page - International Rectifier

  IRFP4004PBF_15 Datasheet HTML 1Page - International Rectifier IRFP4004PBF_15 Datasheet HTML 2Page - International Rectifier IRFP4004PBF_15 Datasheet HTML 3Page - International Rectifier IRFP4004PBF_15 Datasheet HTML 4Page - International Rectifier IRFP4004PBF_15 Datasheet HTML 5Page - International Rectifier IRFP4004PBF_15 Datasheet HTML 6Page - International Rectifier IRFP4004PBF_15 Datasheet HTML 7Page - International Rectifier IRFP4004PBF_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRFP4004PbF
2
www.irf.com
Notes:
 Calculated continuous current based on maximum allowable junction
temperature. Bond wire current limit is 195A. Note that current
limitations arising from heating of the device leads may occur with
some lead mounting arrangements. Refer to App Notes (AN-1140).
‚ Repetitive rating; pulse width limited by max. junction
temperature.
ƒ Limited by T
Jmax, starting TJ = 25°C, L = 0.015mH
RG = 25Ω, IAS = 195A, VGS =10V. Part not recommended for use
above this value.
S
D
G
„ I
SD ≤ 195A, di/dt ≤ 690A/µs, VDD ≤ V(BR)DSS, TJ ≤ 175°C.
… Pulse width ≤ 400µs; duty cycle ≤ 2%.
† Coss eff. (TR) is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
‡ Coss eff. (ER) is a fixed capacitance that gives the same energy as
Coss while VDS is rising from 0 to 80% VDSS.
ˆ When mounted on 1" square PCB (FR-4 or G-10 Material). For recom
mended footprint and soldering techniques refer to application note #AN-994.
‰ Rθ is measured at TJ approximately 90°C.
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
40
–––
–––
V
∆V
(BR)DSS/
∆T
J
Breakdown Voltage Temp. Coefficient
–––
0.035
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
1.35
1.70
m
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
200
nA
Gate-to-Source Reverse Leakage
–––
–––
-200
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
290
–––
–––
S
Qg
Total Gate Charge
–––
220
330
nC
Qgs
Gate-to-Source Charge
–––
59
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
75
–––
Qsync
Total Gate Charge Sync. (Qg - Qgd)
–––
145
–––
RG(int)
Internal Gate Resistance
–––
6.8
–––
td(on)
Turn-On Delay Time
–––
59
–––
ns
tr
Rise Time
–––
370
–––
td(off)
Turn-Off Delay Time
–––
160
–––
tf
Fall Time
–––
190
–––
Ciss
Input Capacitance
–––
8920
–––
pF
Coss
Output Capacitance
–––
2360
–––
Crss
Reverse Transfer Capacitance
–––
930
–––
Coss eff. (ER) Effective Output Capacitance (Energy Related)
i ––– 2860 –––
Coss eff. (TR) Effective Output Capacitance (Time Related)
h
–––
3110
–––
Diode Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
350
c
A
(Body Diode)
ISM
Pulsed Source Current
–––
–––
1390
(Body Diode)
di
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
83
130
ns
TJ = 25°C
VR = 20V,
–––
78
120
TJ = 125°C
IF = 195A
Qrr
Reverse Recovery Charge
–––
190
290
nC
TJ = 25°C
di/dt = 100A/µs
g
–––
210
320
TJ = 125°C
IRRM
Reverse Recovery Current
–––
4.0
–––
A
TJ = 25°C
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
ID = 195A
RG = 2.7
VGS = 10V
g
VDD = 20V
ID = 195A, VDS =0V, VGS = 10V
TJ = 25°C, IS = 195A, VGS = 0V
g
integral reverse
p-n junction diode.
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 5mA
d
VGS = 10V, ID = 195A
g
VDS = VGS, ID = 250µA
VDS = 40V, VGS = 0V
VDS = 40V, VGS = 0V, TJ = 125°C
MOSFET symbol
showing the
VDS = 20V
Conditions
VGS = 10V
g
VGS = 0V
VDS = 25V
ƒ = 1.0MHz
VGS = 0V, VDS = 0V to 32V
i
VGS = 0V, VDS = 0V to 32V
h
Conditions
VDS = 10V, ID = 195A
ID = 195A
VGS = 20V
VGS = -20V


유사한 부품 번호 - IRFP4004PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP4004PBF IRF-IRFP4004PBF Datasheet
295Kb / 8P
   IRFP4004PBF
More results

유사한 설명 - IRFP4004PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFS3004TRL7PP IRF-IRFS3004TRL7PP Datasheet
493Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFU3607-701PBF IRF-IRFU3607-701PBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFS4620TRLPBF IRF-IRFS4620TRLPBF Datasheet
365Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4510GPBF IRF-IRFB4510GPBF Datasheet
230Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFP3006PBF IRF-IRFP3006PBF Datasheet
367Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFI4410ZPBF IRF-IRFI4410ZPBF Datasheet
321Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFR3607TRPBF IRF-IRFR3607TRPBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4137PBF IRF-IRFB4137PBF_15 Datasheet
398Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRLB4030PBF IRF-IRLB4030PBF_15 Datasheet
286Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB3077PBF IRF-IRFB3077PBF Datasheet
316Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB4615PBF IRF-IRFB4615PBF_15 Datasheet
299Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com