전자부품 데이터시트 검색엔진 |
|
IRFP4110PBF 데이터시트(PDF) 1 Page - International Rectifier |
|
IRFP4110PBF 데이터시트(HTML) 1 Page - International Rectifier |
1 / 8 page 03/03/08 Benefits l Improved Gate, Avalanche and Dynamic dv/dt Ruggedness l Fully Characterized Capacitance and Avalanche SOA l Enhanced body diode dV/dt and dI/dt Capability www.irf.com 1 IRFP4110PbF HEXFET® Power MOSFET Applications l High Efficiency Synchronous Rectification in SMPS l Uninterruptible Power Supply l High Speed Power Switching l Hard Switched and High Frequency Circuits VDSS 100V RDS(on) typ. 3.7m : max. 4.5m : ID (Silicon Limited) 180A c ID (Package Limited) 120A S D G TO-247AC GD S Gate Drain Source S D G D PD - 97311 Absolute Maximum Ratings Symbol Parameter Units ID @ TC = 25°C Continuous Drain Current, VGS @ 10V (Silicon Limited) A ID @ TC = 100°C Continuous Drain Current, VGS @ 10V (Silicon Limited) ID @ TC = 25°C Continuous Drain Current, VGS @ 10V (Wire Bond Limited) IDM Pulsed Drain Current d PD @TC = 25°C Maximum Power Dissipation W Linear Derating Factor W/°C VGS Gate-to-Source Voltage V dv/dt Peak Diode Recovery f V/ns TJ Operating Junction and °C TSTG Storage Temperature Range Soldering Temperature, for 10 seconds (1.6mm from case) Mounting torque, 6-32 or M3 screw Avalanche Characteristics EAS (Thermally limited) Single Pulse Avalanche Energy e mJ IAR Avalanche Current d A EAR Repetitive Avalanche Energy g mJ Thermal Resistance Symbol Parameter Typ. Max. Units RθJC Junction-to-Case k ––– 0.402 RθCS Case-to-Sink, Flat Greased Surface 0.24 ––– °C/W RθJA Junction-to-Ambient j ––– 40 300 Max. 180 c 130 c 670 120 190 108 37 370 5.3 -55 to + 175 ± 20 2.5 10lb xin (1.1Nxm) |
유사한 부품 번호 - IRFP4110PBF_15 |
|
유사한 설명 - IRFP4110PBF_15 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |