전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP4127PBF 데이터시트(PDF) 4 Page - International Rectifier

부품명 IRFP4127PBF
상세설명  High Efficiency Synchronous Rectification in SMPS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP4127PBF 데이터시트(HTML) 4 Page - International Rectifier

  IRFP4127PBF_15 Datasheet HTML 1Page - International Rectifier IRFP4127PBF_15 Datasheet HTML 2Page - International Rectifier IRFP4127PBF_15 Datasheet HTML 3Page - International Rectifier IRFP4127PBF_15 Datasheet HTML 4Page - International Rectifier IRFP4127PBF_15 Datasheet HTML 5Page - International Rectifier IRFP4127PBF_15 Datasheet HTML 6Page - International Rectifier IRFP4127PBF_15 Datasheet HTML 7Page - International Rectifier IRFP4127PBF_15 Datasheet HTML 8Page - International Rectifier IRFP4127PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
 
IRFP4127PbF
4
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
March 09, 2015
Fig 8. Maximum Safe Operating Area
Fig 11. Typical Coss Stored Energy
Fig 10. Drain-to–Source Breakdown Voltage
Fig 7. Typical Source-Drain Diode Forward Voltage
3.0
4.0
5.0
6.0
7.0
8.0
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
VDS = 50V
 60µs PULSE WIDTH
TJ = 25°C
TJ = 175°C
-60 -40 -20 0 20 40 60 80 100120140160180
TJ , Temperature ( °C )
180
200
220
240
260
Id = 5mA
0
40
80
120
160
200
VDS, Drain-to-Source Voltage (V)
0.0
2.0
4.0
6.0
8.0
Fig 9. Maximum Drain Current vs. Case Temperature
Fig 12. Maximum Avalanche Energy vs. Drain Current
25
50
75
100
125
150
175
TC , CaseTemperature (°C)
0
20
40
60
80
25
50
75
100
125
150
175
Starting TJ, Junction Temperature (°C)
0
200
400
600
800
1000
1200
ID
TOP
7.7A
12.6A
BOTTOM
44A
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
Tc = 25°C
Tj = 175°C
Single Pulse
10msec
1msec
100µsec
DC
OPERATION IN
THIS AREA
LIMITED BY RDS(on)


유사한 부품 번호 - IRFP4127PBF_15

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IRFP4127 ISC-IRFP4127 Datasheet
334Kb / 2P
   N-Channel MOSFET Transistor
More results

유사한 설명 - IRFP4127PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFS3004TRL7PP IRF-IRFS3004TRL7PP Datasheet
493Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFU3607-701PBF IRF-IRFU3607-701PBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFS4620TRLPBF IRF-IRFS4620TRLPBF Datasheet
365Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4510GPBF IRF-IRFB4510GPBF Datasheet
230Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFP3006PBF IRF-IRFP3006PBF Datasheet
367Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFI4410ZPBF IRF-IRFI4410ZPBF Datasheet
321Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFR3607TRPBF IRF-IRFR3607TRPBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4137PBF IRF-IRFB4137PBF_15 Datasheet
398Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRLB4030PBF IRF-IRLB4030PBF_15 Datasheet
286Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB3077PBF IRF-IRFB3077PBF Datasheet
316Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB4615PBF IRF-IRFB4615PBF_15 Datasheet
299Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com