전자부품 데이터시트 검색엔진 |
|
IRFP4227PBF 데이터시트(PDF) 2 Page - International Rectifier |
|
IRFP4227PBF 데이터시트(HTML) 2 Page - International Rectifier |
2 / 8 page IRFP4227PbF 2 www.irf.com S D G Electrical Characteristics @ TJ = 25°C (unless otherwise specified) Parameter Min. Typ. Max. Units BVDSS Drain-to-Source Breakdown Voltage 200 ––– ––– V ∆ΒVDSS/∆TJ Breakdown Voltage Temp. Coefficient ––– 170 ––– mV/°C RDS(on) Static Drain-to-Source On-Resistance ––– 21 25 m Ω VGS(th) Gate Threshold Voltage 3.0 ––– 5.0 V ∆VGS(th)/∆TJ Gate Threshold Voltage Coefficient ––– -13 ––– mV/°C IDSS Drain-to-Source Leakage Current ––– ––– 20 µA ––– ––– 1.0 mA IGSS Gate-to-Source Forward Leakage ––– ––– 100 nA Gate-to-Source Reverse Leakage ––– ––– -100 gfs Forward Transconductance 49 ––– ––– S Qg Total Gate Charge ––– 70 98 nC Qgd Gate-to-Drain Charge ––– 23 ––– td(on) Turn-On Delay Time ––– 33 ––– tr Rise Time ––– 20 ––– ns td(off) Turn-Off Delay Time ––– 21 ––– tf Fall Time ––– 31 ––– tst Shoot Through Blocking Time 100 ––– ––– ns EPULSE Energy per Pulse µJ Ciss Input Capacitance ––– 4600 ––– Coss Output Capacitance ––– 460 ––– pF Crss Reverse Transfer Capacitance ––– 91 ––– Coss eff. Effective Output Capacitance ––– 360 ––– LD Internal Drain Inductance ––– 5.0 ––– Between lead, nH 6mm (0.25in.) LS Internal Source Inductance ––– 13 ––– from package Avalanche Characteristics Parameter Units EAS Single Pulse Avalanche Energyd mJ EAR Repetitive Avalanche Energy mJ VDS(Avalanche) Repetitive Avalanche Voltageà V IAS Avalanche Current Ãd A Diode Characteristics Parameter Min. Typ. Max. Units IS @ TC = 25°C Continuous Source Current ––– ––– 65 (Body Diode) A ISM Pulsed Source Current ––– ––– 260 (Body Diode) à VSD Diode Forward Voltage ––– ––– 1.3 V trr Reverse Recovery Time ––– 100 150 ns Qrr Reverse Recovery Charge ––– 430 640 nC MOSFET symbol VDS = 25V, ID = 46A VDD = 100V, ID = 46A, VGS = 10Ve Conditions and center of die contact VDD = 160V, VGS = 15V, RG= 4.7Ω VDS = 160V, RG= 4.7Ω, TJ = 25°C L = 220nH, C= 0.4µF, VGS = 15V VDS = 160V, RG= 4.7Ω, TJ = 100°C VDS = 25V VDS = VGS, ID = 250µA VDS = 200V, VGS = 0V VGS = 0V, VDS = 0V to 160V VDS = 200V, VGS = 0V, TJ = 125°C VGS = 20V VGS = -20V VGS = 0V L = 220nH, C= 0.4µF, VGS = 15V Conditions VGS = 0V, ID = 250µA Reference to 25°C, ID = 1mA VGS = 10V, ID = 46A e TJ = 25°C, IF = 46A, VDD = 50V di/dt = 100A/µs e TJ = 25°C, IS = 46A, VGS = 0V e showing the integral reverse p-n junction diode. Typ. Max. ƒ = 1.0MHz, ––– 140 33 39 ––– ––– 240 ––– ––– 570 ––– ––– 910 ––– VDD = 100V, VGS = 10VÃe ID = 46A RG = 2.5Ω See Fig. 22 |
유사한 부품 번호 - IRFP4227PBF_15 |
|
유사한 설명 - IRFP4227PBF_15 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |