전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP4410ZPBF 데이터시트(PDF) 6 Page - International Rectifier

부품명 IRFP4410ZPBF
상세설명  High Efficiency Synchronous Rectification in SMPS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP4410ZPBF 데이터시트(HTML) 6 Page - International Rectifier

  IRFP4410ZPBF_15 Datasheet HTML 1Page - International Rectifier IRFP4410ZPBF_15 Datasheet HTML 2Page - International Rectifier IRFP4410ZPBF_15 Datasheet HTML 3Page - International Rectifier IRFP4410ZPBF_15 Datasheet HTML 4Page - International Rectifier IRFP4410ZPBF_15 Datasheet HTML 5Page - International Rectifier IRFP4410ZPBF_15 Datasheet HTML 6Page - International Rectifier IRFP4410ZPBF_15 Datasheet HTML 7Page - International Rectifier IRFP4410ZPBF_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRFP4410ZPbF
6
www.irf.com
Fig. 17 - Typical Recovery Current vs. dif/dt
Fig 16. Threshold Voltage vs. Temperature
Fig. 19 - Typical Stored Charge vs. dif/dt
Fig. 18 - Typical Recovery Current vs. dif/dt
Fig. 20 - Typical Stored Charge vs. dif/dt
-75 -50 -25 0
25 50 75 100 125 150 175 200
TJ , Temperature ( °C )
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
ID = 150µA
ID = 250µA
ID = 1.0mA
ID = 1.0A
100
200
300
400
500
600
700
dif/dt (A/µs)
0
50
100
150
200
250
300
350
400
450
I
F
= 58A
V
R
= 85V
T
J
= 25°C _____
T
J
= 125°C
----------
100
200
300
400
500
600
700
dif/dt (A/µs)
0
50
100
150
200
250
300
350
400
I
F
= 39A
V
R
= 85V
T
J
= 25°C _____
T
J
= 125°C ----------
100
200
300
400
500
600
700
dif/dt (A/µs)
0
5
10
15
20
I
F
= 58A
V
R
= 85V
T
J
= 25°C _____
T
J
= 125°C ----------
100
200
300
400
500
600
700
dif/dt (A/µs)
0
5
10
15
20
I
F
= 39A
V
R
= 85V
T
J
= 25°C _____
T
J
= 125°C ----------


유사한 부품 번호 - IRFP4410ZPBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP4410ZPBF IRF-IRFP4410ZPBF Datasheet
283Kb / 8P
   HEXFET Power MOSFET
More results

유사한 설명 - IRFP4410ZPBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFS3004TRL7PP IRF-IRFS3004TRL7PP Datasheet
493Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFU3607-701PBF IRF-IRFU3607-701PBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFS4620TRLPBF IRF-IRFS4620TRLPBF Datasheet
365Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4510GPBF IRF-IRFB4510GPBF Datasheet
230Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFP3006PBF IRF-IRFP3006PBF Datasheet
367Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFI4410ZPBF IRF-IRFI4410ZPBF Datasheet
321Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFR3607TRPBF IRF-IRFR3607TRPBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4137PBF IRF-IRFB4137PBF_15 Datasheet
398Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRLB4030PBF IRF-IRLB4030PBF_15 Datasheet
286Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB3077PBF IRF-IRFB3077PBF Datasheet
316Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB4615PBF IRF-IRFB4615PBF_15 Datasheet
299Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com