전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP4410ZPBF 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRFP4410ZPBF
상세설명  High Efficiency Synchronous Rectification in SMPS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP4410ZPBF 데이터시트(HTML) 1 Page - International Rectifier

  IRFP4410ZPBF_15 Datasheet HTML 1Page - International Rectifier IRFP4410ZPBF_15 Datasheet HTML 2Page - International Rectifier IRFP4410ZPBF_15 Datasheet HTML 3Page - International Rectifier IRFP4410ZPBF_15 Datasheet HTML 4Page - International Rectifier IRFP4410ZPBF_15 Datasheet HTML 5Page - International Rectifier IRFP4410ZPBF_15 Datasheet HTML 6Page - International Rectifier IRFP4410ZPBF_15 Datasheet HTML 7Page - International Rectifier IRFP4410ZPBF_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
03/07/08
www.irf.com
1
HEXFET® Power MOSFET
Benefits
l Improved Gate, Avalanche and Dynamic dV/dt
Ruggedness
l Fully Characterized Capacitance and Avalanche
SOA
l Enhanced body diode dV/dt and dI/dt Capability
l Lead-Free
Applications
l High Efficiency Synchronous Rectification in SMPS
l Uninterruptible Power Supply
l High Speed Power Switching
l Hard Switched and High Frequency Circuits
IRFP4410ZPbF
VDSS
100V
RDS(on) typ.
7.2m
:
m ax.
9.0m
:
ID (Silicon Limited)
97A
GD
S
Gate
Drain
Source
S
D
G
TO-247AC
S
D
G
D
Absolute Maxim um Ratings
Symbol
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
A
I
DM
Pulsed Drain Current
™
PD @TC = 25°C
Maximum Power Dis sipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
dv/dt
Peak Diode Recovery
e
V/ns
TJ
Operating Junc tion and
°C
T
STG
Storage Temperature Range
Soldering T emperature, for 10 s econds
(1.6mm from cas e)
Mounting torque, 6-32 or M3 screw
Avalanche Characteristics
E
AS (T her mally limited)
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
Ù
A
EAR
Repetitive Av alanche Energy
f
mJ
Thermal Resistance
Symbol
Parameter
Typ.
Max.
Units
RπJC
Junction-to-Case
j
–––
0.65
RπCS
Case-to-Sink, Flat Greased Surface
0.24
–––
°C/W
RπJA
Junction-to-Ambient
j
–––
40
242
See Fig. 14, 15, 22a, 22b,
230
16
-55 to + 175
± 20
1.5
10lb
xin (1.1Nxm)
300
Max.
97
69
390
PD - 97309A


유사한 부품 번호 - IRFP4410ZPBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP4410ZPBF IRF-IRFP4410ZPBF Datasheet
283Kb / 8P
   HEXFET Power MOSFET
More results

유사한 설명 - IRFP4410ZPBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFS3004TRL7PP IRF-IRFS3004TRL7PP Datasheet
493Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFU3607-701PBF IRF-IRFU3607-701PBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFS4620TRLPBF IRF-IRFS4620TRLPBF Datasheet
365Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4510GPBF IRF-IRFB4510GPBF Datasheet
230Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFP3006PBF IRF-IRFP3006PBF Datasheet
367Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFI4410ZPBF IRF-IRFI4410ZPBF Datasheet
321Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFR3607TRPBF IRF-IRFR3607TRPBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4137PBF IRF-IRFB4137PBF_15 Datasheet
398Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRLB4030PBF IRF-IRLB4030PBF_15 Datasheet
286Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB3077PBF IRF-IRFB3077PBF Datasheet
316Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB4615PBF IRF-IRFB4615PBF_15 Datasheet
299Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com