전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP4668PBF 데이터시트(PDF) 3 Page - International Rectifier

부품명 IRFP4668PBF
상세설명  High Efficiency Synchronous Rectification in SMPS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP4668PBF 데이터시트(HTML) 3 Page - International Rectifier

  IRFP4668PBF Datasheet HTML 1Page - International Rectifier IRFP4668PBF Datasheet HTML 2Page - International Rectifier IRFP4668PBF Datasheet HTML 3Page - International Rectifier IRFP4668PBF Datasheet HTML 4Page - International Rectifier IRFP4668PBF Datasheet HTML 5Page - International Rectifier IRFP4668PBF Datasheet HTML 6Page - International Rectifier IRFP4668PBF Datasheet HTML 7Page - International Rectifier IRFP4668PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRFP4668PbF
www.irf.com
3
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance vs. Temperature
Fig 2. Typical Output Characteristics
Fig 6. Typical Gate Charge vs. Gate-to-Source Voltage
Fig 5. Typical Capacitance vs. Drain-to-Source Voltage
-60 -40 -20 0 20 40 60 80 100120140160180
TJ , Junction Temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
ID = 81A
VGS = 10V
1
10
100
VDS, Drain-to-Source Voltage (V)
0
4000
8000
12000
16000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
40
80
120
160
200
QG Total Gate Charge (nC)
0
4
8
12
16
VDS= 160V
VDS= 100V
VDS= 40V
ID= 81A
3.0
4.0
5.0
6.0
7.0
8.0
9.0
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
VDS = 50V
≤ 60μs PULSE WIDTH
TJ = 25°C
TJ = 175°C
0.1
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM
4.5V
≤60μs PULSE WIDTH
Tj = 25°C
4.5V
0.1
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
≤60μs PULSE WIDTH
Tj = 175°C
4.5V
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM
4.5V


유사한 부품 번호 - IRFP4668PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP4668PBF IRF-IRFP4668PBF Datasheet
293Kb / 8P
   HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRFP4668PBF KERSEMI-IRFP4668PBF Datasheet
929Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
More results

유사한 설명 - IRFP4668PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFS3004TRL7PP IRF-IRFS3004TRL7PP Datasheet
493Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFU3607-701PBF IRF-IRFU3607-701PBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFS4620TRLPBF IRF-IRFS4620TRLPBF Datasheet
365Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4510GPBF IRF-IRFB4510GPBF Datasheet
230Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFP3006PBF IRF-IRFP3006PBF Datasheet
367Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFI4410ZPBF IRF-IRFI4410ZPBF Datasheet
321Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFR3607TRPBF IRF-IRFR3607TRPBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4137PBF IRF-IRFB4137PBF_15 Datasheet
398Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRLB4030PBF IRF-IRLB4030PBF_15 Datasheet
286Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB3077PBF IRF-IRFB3077PBF Datasheet
316Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB4615PBF IRF-IRFB4615PBF_15 Datasheet
299Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com