전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP4668PBF 데이터시트(PDF) 4 Page - International Rectifier

부품명 IRFP4668PBF
상세설명  High Efficiency Synchronous Rectification in SMPS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP4668PBF 데이터시트(HTML) 4 Page - International Rectifier

  IRFP4668PBF Datasheet HTML 1Page - International Rectifier IRFP4668PBF Datasheet HTML 2Page - International Rectifier IRFP4668PBF Datasheet HTML 3Page - International Rectifier IRFP4668PBF Datasheet HTML 4Page - International Rectifier IRFP4668PBF Datasheet HTML 5Page - International Rectifier IRFP4668PBF Datasheet HTML 6Page - International Rectifier IRFP4668PBF Datasheet HTML 7Page - International Rectifier IRFP4668PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRFP4668PbF
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 10. Drain-to-Source Breakdown Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 11. Typical COSS Stored Energy
Fig 9. Maximum Drain Current vs.
Case Temperature
Fig 12. Maximum Avalanche Energy Vs. DrainCurrent
0.0
0.5
1.0
1.5
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 175°C
VGS = 0V
25
50
75
100
125
150
175
TC , CaseTemperature (°C)
0
20
40
60
80
100
120
140
-60 -40 -20 0 20 40 60 80 100120140160180
TJ , Temperature ( °C )
190
200
210
220
230
240
250
Id = 5mA
0
40
80
120
160
200
VDS, Drain-to-Source Voltage (V)
0
2
4
6
8
10
12
14
0.1
1
10
100
1000
VDS, Drain-toSource Voltage (V)
0.1
1
10
100
1000
10000
Tc = 25°C
Tj = 175°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100μsec
DC
25
50
75
100
125
150
175
Starting TJ, Junction Temperature (°C)
0
500
1000
1500
2000
2500
I D
TOP
18A
24A
BOTTOM
81A


유사한 부품 번호 - IRFP4668PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP4668PBF IRF-IRFP4668PBF Datasheet
293Kb / 8P
   HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRFP4668PBF KERSEMI-IRFP4668PBF Datasheet
929Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
More results

유사한 설명 - IRFP4668PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFS3004TRL7PP IRF-IRFS3004TRL7PP Datasheet
493Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFU3607-701PBF IRF-IRFU3607-701PBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFS4620TRLPBF IRF-IRFS4620TRLPBF Datasheet
365Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4510GPBF IRF-IRFB4510GPBF Datasheet
230Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFP3006PBF IRF-IRFP3006PBF Datasheet
367Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFI4410ZPBF IRF-IRFI4410ZPBF Datasheet
321Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFR3607TRPBF IRF-IRFR3607TRPBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4137PBF IRF-IRFB4137PBF_15 Datasheet
398Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRLB4030PBF IRF-IRLB4030PBF_15 Datasheet
286Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB3077PBF IRF-IRFB3077PBF Datasheet
316Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB4615PBF IRF-IRFB4615PBF_15 Datasheet
299Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com