전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP4668PBF 데이터시트(PDF) 7 Page - International Rectifier

부품명 IRFP4668PBF
상세설명  High Efficiency Synchronous Rectification in SMPS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP4668PBF 데이터시트(HTML) 7 Page - International Rectifier

  IRFP4668PBF Datasheet HTML 1Page - International Rectifier IRFP4668PBF Datasheet HTML 2Page - International Rectifier IRFP4668PBF Datasheet HTML 3Page - International Rectifier IRFP4668PBF Datasheet HTML 4Page - International Rectifier IRFP4668PBF Datasheet HTML 5Page - International Rectifier IRFP4668PBF Datasheet HTML 6Page - International Rectifier IRFP4668PBF Datasheet HTML 7Page - International Rectifier IRFP4668PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRFP4668PbF
www.irf.com
7
Fig 23a. Switching Time Test Circuit
Fig 23b. Switching Time Waveforms
Fig 22b. Unclamped Inductive Waveforms
Fig 22a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
RG
IAS
0.01
Ω
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VGS
Fig 24a. Gate Charge Test Circuit
Fig 24b. Gate Charge Waveform
Vds
Vgs
Id
Vgs(th)
Qgs1 Qgs2
Qgd
Qgodr
Fig 21.
Peak Diode Recovery dv/dt Test Circuit for N-Channel
HEXFET® Power MOSFETs
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
* VGS = 5V for Logic Level Devices
*
+
-
+
+
+
-
-
-
ƒ
„
‚
RG
VDD
• dv/dt controlled by RG
• Driver same type as D.U.T.
• ISD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T

Inductor Current
D.U.T.
VDS
ID
IG
3mA
VGS
.3
μF
50K
Ω
.2
μF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
10V
+
- VDD
VGS


유사한 부품 번호 - IRFP4668PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP4668PBF IRF-IRFP4668PBF Datasheet
293Kb / 8P
   HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRFP4668PBF KERSEMI-IRFP4668PBF Datasheet
929Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
More results

유사한 설명 - IRFP4668PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFS3004TRL7PP IRF-IRFS3004TRL7PP Datasheet
493Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFU3607-701PBF IRF-IRFU3607-701PBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFS4620TRLPBF IRF-IRFS4620TRLPBF Datasheet
365Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4510GPBF IRF-IRFB4510GPBF Datasheet
230Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFP3006PBF IRF-IRFP3006PBF Datasheet
367Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFI4410ZPBF IRF-IRFI4410ZPBF Datasheet
321Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFR3607TRPBF IRF-IRFR3607TRPBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4137PBF IRF-IRFB4137PBF_15 Datasheet
398Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRLB4030PBF IRF-IRLB4030PBF_15 Datasheet
286Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB3077PBF IRF-IRFB3077PBF Datasheet
316Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB4615PBF IRF-IRFB4615PBF_15 Datasheet
299Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com