전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP4710PBF 데이터시트(PDF) 8 Page - International Rectifier

부품명 IRFP4710PBF
상세설명  High frequency DC-DC converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP4710PBF 데이터시트(HTML) 8 Page - International Rectifier

  IRFP4710PBF_15 Datasheet HTML 1Page - International Rectifier IRFP4710PBF_15 Datasheet HTML 2Page - International Rectifier IRFP4710PBF_15 Datasheet HTML 3Page - International Rectifier IRFP4710PBF_15 Datasheet HTML 4Page - International Rectifier IRFP4710PBF_15 Datasheet HTML 5Page - International Rectifier IRFP4710PBF_15 Datasheet HTML 6Page - International Rectifier IRFP4710PBF_15 Datasheet HTML 7Page - International Rectifier IRFP4710PBF_15 Datasheet HTML 8Page - International Rectifier IRFP4710PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
IRFP4710PbF
8
www.irf.com
Data and specifications subject to change without notice.
This product has been designed and qualified for the Industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 02/04
 Repetitive rating; pulse width limited by
max. junction temperature.
‚ Starting TJ = 25°C, L = 190µH
RG = 25Ω, IAS = 45A, VGS = 10V.
ƒ ISD ≤ 45A, di/dt ≤ 420A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C .
Notes:
„ Pulse width ≤ 400µs; duty cycle ≤ 2%.
… Coss eff. is a fixed capacitance that gives the same charging
time as Coss while VDS is rising from 0 to 80% VDSS .
TO-247AC Package Outline
Dimensions are shown in millimeters (inches)
LEAD ASSIGNMENTS
NOTES:
- D -
5.30 (.209)
4.70 (.185)
2.50 (.089)
1.50 (.059)
4
3X
0.80 (.031)
0.40 (.016)
2.60 (.102)
2.20 (.087)
3.40 (.133)
3.00 (.118)
3X
0.25 (.010) M C A S
4.30 (.170)
3.70 (.145)
- C -
2X
5.50 (.217)
4.50 (.177)
5.50 (.217)
0.25 (.010)
1.40 (.056)
1.00 (.039)
3.65 (.143)
3.55 (.140)
D
M
M
B
- A -
15.90 (.626)
15.30 (.602)
- B -
123
20.30 (.800)
19.70 (.775)
14.80 (.583)
14.20 (.559)
2.40 (.094)
2.00 (.079)
2X
2X
5.45 (.215)
1 DIMENSIONING & TOLERANCING
PER ANSI Y14.5M, 1982.
2 CONTROLLING DIMENSION : INCH.
3 CONFORMS TO JEDEC OUTLINE
TO-247-AC.
1 - GATE
2 - DRAIN
3 - SOURCE
4 - DRAIN
LEAD ASSIGNMENTS
Hexfet
1 - Gate
2 - Drain
3 - Source
4 - Drain
IGBT
1 - Gate
2 - Collector
3 - Emitter
4 - Collector
TO-247AC Part Marking Information
EXAMPLE:
ASSEMBLED ON WW 35, 2000
LOT CODE 5657
WITH ASSEMBLY
THIS IS AN IRFPE30
IN THE AS SEMBLY LINE "H"
035H
LOGO
INTERNATIONAL
RECTIFIER
IRFPE30
LOT CODE
ASSEMBLY
56
57
PART NUMBER
DATE CODE
YEAR 0 = 2000
WEEK 35
LINE H
Note: "P" in assembly line
position indicates "Lead-Free"


유사한 부품 번호 - IRFP4710PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP4710PBF IRF-IRFP4710PBF Datasheet
183Kb / 9P
   HEXFETPower MOSFET
More results

유사한 설명 - IRFP4710PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFU3518-701PBF IRF-IRFU3518-701PBF Datasheet
234Kb / 11P
   High frequency DC-DC converters
logo
Kersemi Electronic Co.,...
IRFR3518 KERSEMI-IRFR3518 Datasheet
4Mb / 10P
   High frequency DC-DC converters
logo
International Rectifier
IRFS33N15DTRLP IRF-IRFS33N15DTRLP Datasheet
150Kb / 12P
   High frequency DC-DC converters
IRFR13N20DPBF IRF-IRFR13N20DPBF_15 Datasheet
689Kb / 11P
   HIGH FREQUENCY DC-DC CONVERTERS
IRF7452PBF IRF-IRF7452PBF_15 Datasheet
284Kb / 8P
   HIGH FREQUENCY DC-DC CONVERTERS
IRF7490PBF IRF-IRF7490PBF_15 Datasheet
155Kb / 9P
   High frequency DC-DC converters
IRF8010SPBF IRF-IRF8010SPBF_15 Datasheet
229Kb / 11P
   High frequency DC-DC converters
IRFR15N20DPBF IRF-IRFR15N20DPBF_15 Datasheet
231Kb / 11P
   High frequency DC-DC converters
IRFR24N15DPBF IRF-IRFR24N15DPBF_15 Datasheet
282Kb / 10P
   High frequency DC-DC converters
IRFR3410PBF IRF-IRFR3410PBF_15 Datasheet
237Kb / 11P
   High frequency DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com