전자부품 데이터시트 검색엔진 |
|
IRFP4768PBF 데이터시트(PDF) 1 Page - International Rectifier |
|
IRFP4768PBF 데이터시트(HTML) 1 Page - International Rectifier |
1 / 8 page 02/26/09 www.irf.com 1 HEXFET® Power MOSFET Benefits l Improved Gate, Avalanche and Dynamic dV/dt Ruggedness l Fully Characterized Capacitance and Avalanche SOA l Enhanced body diode dV/dt and dI/dt Capability l Lead-Free Applications l High Efficiency Synchronous Rectification in SMPS l Uninterruptible Power Supply l High Speed Power Switching l Hard Switched and High Frequency Circuits S D G GD S Gate Drain Source PD - 97379 IRFP4768PbF TO-247AC S D G D Absolute Maximum Ratings Symbol Parameter Units ID @ TC = 25°C Continuous Drain Current, VGS @ 10V ID @ TC = 100°C Continuous Drain Current, VGS @ 10V IDM Pulsed Drain Current c PD @TC = 25°C Maximum Power Dissipation W Linear Derating Factor W/°C VGS Gate-to-Source Voltage V dv/dt Peak Diode Recovery e V/ns TJ Operating Junction and TSTG Storage Temperature Range Soldering Temperature, for 10 seconds (1.6mm from case) Mounting torque, 6-32 or M3 screw Avalanche Characteristics EAS (Thermally limited) Single Pulse Avalanche Energy d mJ IAR Avalanche Current c A EAR Repetitive Avalanche Energy c mJ Thermal Resistance Symbol Parameter Typ. Max. Units RθJC Junction-to-Case ij ––– 0.29 RθCS Case-to-Sink, Flat Greased Surface 0.24 ––– °C/W RθJA Junction-to-Ambient ––– 40 Max. 93 66 370 770 See Fig. 14, 15, 22a, 22b 520 24 -55 to + 175 ± 20 3.4 10lbf xin (1.1Nxm) A °C 300 VDSS 250V RDS(on) typ. 14.5mΩ max. 17.5mΩ ID 93A |
유사한 부품 번호 - IRFP4768PBF_15 |
|
유사한 설명 - IRFP4768PBF_15 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |