전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP4868PBF 데이터시트(PDF) 3 Page - International Rectifier

부품명 IRFP4868PBF
상세설명  High Efficiency Synchronous Rectification in SMPS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP4868PBF 데이터시트(HTML) 3 Page - International Rectifier

  IRFP4868PBF Datasheet HTML 1Page - International Rectifier IRFP4868PBF Datasheet HTML 2Page - International Rectifier IRFP4868PBF Datasheet HTML 3Page - International Rectifier IRFP4868PBF Datasheet HTML 4Page - International Rectifier IRFP4868PBF Datasheet HTML 5Page - International Rectifier IRFP4868PBF Datasheet HTML 6Page - International Rectifier IRFP4868PBF Datasheet HTML 7Page - International Rectifier IRFP4868PBF Datasheet HTML 8Page - International Rectifier IRFP4868PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
 
IRFP4868PbF
3
www.irf.com
© 2012 International Rectifier
October 30, 2012
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
4.75V
60µs PULSE WIDTH
Tj = 175°C
VGS
TOP
15V
12V
10V
8.0V
7.0V
6.0V
5.5V
BOTTOM
4.75V
Fig 2.
Typical Output Characteristics
3
4
5
6
7
8
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 175°C
VDS = 50V
60µs PULSE WIDTH
Fig 3.
Typical Transfer Characteristics
0.1
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
VGS
TOP
15V
12V
10V
8.0V
7.0V
6.0V
5.5V
BOTTOM
4.75V
60µs PULSE WIDTH
Tj = 25°C
4.75V
Fig 1.
Typical Output Characteristics
-60 -40 -20 0 20 40 60 80 100120140160180
TJ , Junction Temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
ID = 70A
VGS = 10V
Fig 4.
Normalized On-Resistance vs. Temperature
0
30
60
90
120 150 180 210 240
QG, Total Gate Charge (nC)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
VDS= 240V
VDS= 150V
VDS= 60V
ID= 42A
Fig 6.
Typical Gate Charge vs. Gate-to-Source Voltage
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
100
1000
10000
100000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
Fig 5.
Typical Capacitance vs. Drain-to-Source Voltage


유사한 부품 번호 - IRFP4868PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP4868PBF IRF-IRFP4868PBF Datasheet
309Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
logo
Infineon Technologies A...
IRFP4868PBF INFINEON-IRFP4868PBF Datasheet
543Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
2017-06-21
More results

유사한 설명 - IRFP4868PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFS3004TRL7PP IRF-IRFS3004TRL7PP Datasheet
493Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFU3607-701PBF IRF-IRFU3607-701PBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFS4620TRLPBF IRF-IRFS4620TRLPBF Datasheet
365Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4510GPBF IRF-IRFB4510GPBF Datasheet
230Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFP3006PBF IRF-IRFP3006PBF Datasheet
367Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFI4410ZPBF IRF-IRFI4410ZPBF Datasheet
321Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFR3607TRPBF IRF-IRFR3607TRPBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4137PBF IRF-IRFB4137PBF_15 Datasheet
398Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRLB4030PBF IRF-IRLB4030PBF_15 Datasheet
286Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB3077PBF IRF-IRFB3077PBF Datasheet
316Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB4615PBF IRF-IRFB4615PBF_15 Datasheet
299Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com