전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP4868PBF 데이터시트(PDF) 4 Page - International Rectifier

부품명 IRFP4868PBF
상세설명  High Efficiency Synchronous Rectification in SMPS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP4868PBF 데이터시트(HTML) 4 Page - International Rectifier

  IRFP4868PBF Datasheet HTML 1Page - International Rectifier IRFP4868PBF Datasheet HTML 2Page - International Rectifier IRFP4868PBF Datasheet HTML 3Page - International Rectifier IRFP4868PBF Datasheet HTML 4Page - International Rectifier IRFP4868PBF Datasheet HTML 5Page - International Rectifier IRFP4868PBF Datasheet HTML 6Page - International Rectifier IRFP4868PBF Datasheet HTML 7Page - International Rectifier IRFP4868PBF Datasheet HTML 8Page - International Rectifier IRFP4868PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
 
IRFP4868PbF
4
www.irf.com
© 2012 International Rectifier
October 30, 2012
-60 -40 -20 0 20 40 60 80 100120140160180
TJ , Temperature ( °C )
280
290
300
310
320
330
340
350
360
370
Id = 5mA
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
Tc = 25°C
Tj = 175°C
Single Pulse
10msec
1msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100µsec
DC
Fig 8.
Maximum Safe Operating Area
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
10
20
30
40
50
60
70
-50
0
50
100 150 200 250 300 350
VDS, Drain-to-Source Voltage (V)
0.0
5.0
10.0
15.0
20.0
Fig 9.
Maximum Drain Current vs. Case Temperature
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
1000
2000
3000
4000
5000
ID
TOP
11A
20A
BOTTOM 42A
Fig 10.
Drain-to-Source Breakdown Voltage
0.0
0.5
1.0
1.5
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 175°C
VGS = 0V
Fig 7.
Typical Source-to-Drain Diode
Forward Voltage
Fig 12.
Maximum Avalanche Energy vs. Drain Current
Fig 11.
Typical Coss Stored Energy


유사한 부품 번호 - IRFP4868PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP4868PBF IRF-IRFP4868PBF Datasheet
309Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
logo
Infineon Technologies A...
IRFP4868PBF INFINEON-IRFP4868PBF Datasheet
543Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
2017-06-21
More results

유사한 설명 - IRFP4868PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFS3004TRL7PP IRF-IRFS3004TRL7PP Datasheet
493Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFU3607-701PBF IRF-IRFU3607-701PBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFS4620TRLPBF IRF-IRFS4620TRLPBF Datasheet
365Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4510GPBF IRF-IRFB4510GPBF Datasheet
230Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFP3006PBF IRF-IRFP3006PBF Datasheet
367Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFI4410ZPBF IRF-IRFI4410ZPBF Datasheet
321Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFR3607TRPBF IRF-IRFR3607TRPBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4137PBF IRF-IRFB4137PBF_15 Datasheet
398Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRLB4030PBF IRF-IRLB4030PBF_15 Datasheet
286Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB3077PBF IRF-IRFB3077PBF Datasheet
316Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB4615PBF IRF-IRFB4615PBF_15 Datasheet
299Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com