전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP4868PBF 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRFP4868PBF
상세설명  High Efficiency Synchronous Rectification in SMPS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP4868PBF 데이터시트(HTML) 1 Page - International Rectifier

  IRFP4868PBF Datasheet HTML 1Page - International Rectifier IRFP4868PBF Datasheet HTML 2Page - International Rectifier IRFP4868PBF Datasheet HTML 3Page - International Rectifier IRFP4868PBF Datasheet HTML 4Page - International Rectifier IRFP4868PBF Datasheet HTML 5Page - International Rectifier IRFP4868PBF Datasheet HTML 6Page - International Rectifier IRFP4868PBF Datasheet HTML 7Page - International Rectifier IRFP4868PBF Datasheet HTML 8Page - International Rectifier IRFP4868PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
 
IRFP4868PbF
1
www.irf.com
© 2012 International Rectifier
October 30, 2012
Applications
 High Efficiency Synchronous Rectification in SMPS
 Uninterruptible Power Supply
 High Speed Power Switching
 Hard Switched and High Frequency Circuits
Benefits
 Improved Gate, Avalanche and Dynamic dV/dt
Ruggedness
 Fully Characterized Capacitance and Avalanche SOA
 Enhanced body diode dV/dt and dI/dt Capability
 Lead-Free
 
Gate
Drain
Source
G
D
S
VDSS
300V
RDS(on) typ.
25.5m
max.
32m
ID
70A
Base Part Number
Package Type
Standard Pack
Orderable Part Number
  
Form
Quantity
 
IRFP4868PbF
TO-247AC
Tube
25
IRFP4868PbF
Absolute Maximum Ratings
  
 
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
70
A
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
49
IDM
Pulsed Drain Current 
280
PD @TC = 25°C
Maximum Power Dissipation
517
W
Linear Derating Factor
3.4
W/°C
VGS
Gate-to-Source Voltage
± 20
V
TJ
Operating Junction and
-55 to + 175
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
(1.6mm from case)
300
Mounting torque, 6-32 or M3 screw
10lbfin (1.1Nm)
Avalanche Characteristics
  
 
EAS (Thermally limited)
Single Pulse Avalanche Energy 
1093
mJ
IAR
Avalanche Current 
See Fig. 14, 15, 22a, 22b
A
EAR
Repetitive Avalanche Energy 
mJ
Thermal Resistance
  
 
Symbol
Parameter
Typ.
Max.
Units
RJC
Junction-to-Case 
–––
0.29
RCS
Case-to-Sink, Flat Greased Surface
0.24
–––
°C/W
RJA
Junction-to-Ambient
–––
40
 
TO-247AC
D
G
D
S


유사한 부품 번호 - IRFP4868PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP4868PBF IRF-IRFP4868PBF Datasheet
309Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
logo
Infineon Technologies A...
IRFP4868PBF INFINEON-IRFP4868PBF Datasheet
543Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
2017-06-21
More results

유사한 설명 - IRFP4868PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFS3004TRL7PP IRF-IRFS3004TRL7PP Datasheet
493Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFU3607-701PBF IRF-IRFU3607-701PBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFS4620TRLPBF IRF-IRFS4620TRLPBF Datasheet
365Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4510GPBF IRF-IRFB4510GPBF Datasheet
230Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFP3006PBF IRF-IRFP3006PBF Datasheet
367Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFI4410ZPBF IRF-IRFI4410ZPBF Datasheet
321Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFR3607TRPBF IRF-IRFR3607TRPBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4137PBF IRF-IRFB4137PBF_15 Datasheet
398Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRLB4030PBF IRF-IRLB4030PBF_15 Datasheet
286Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB3077PBF IRF-IRFB3077PBF Datasheet
316Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB4615PBF IRF-IRFB4615PBF_15 Datasheet
299Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com