전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PE71S6198 데이터시트(PDF) 5 Page - Pasternack Enterprises, Inc.

부품명 PE71S6198
상세설명  DC to 10 GHz Operating Frequency Range
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PASTERNACK [Pasternack Enterprises, Inc.]
홈페이지  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6198 데이터시트(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE71S6198 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6198 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6198 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6198 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S6198 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE71S6198 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
PE71S6198 CAD Drawing
SP6T Electromechanical Relay Switch DC to 10 GHz,
TNC, 50 Watts, 12V Control with Failsafe
PE71S6198 REV 1.0


유사한 부품 번호 - PE71S6198

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE71S6190 PASTERNACK-PE71S6190 Datasheet
412Kb / 4P
   SP4T Switch
PE71S6191 PASTERNACK-PE71S6191 Datasheet
413Kb / 4P
   DC to 10 GHz Operating Frequency Range
PE71S6192 PASTERNACK-PE71S6192 Datasheet
495Kb / 6P
   SP4T Switch
PE71S6193 PASTERNACK-PE71S6193 Datasheet
436Kb / 4P
   SP4T Electromechanical Relay Switch DC to 10 GHz, N, 50 Watts, 28V Control with Indicators, Normally Open, TTL
PE71S6194 PASTERNACK-PE71S6194 Datasheet
424Kb / 4P
   DC to 10 GHz Operating Frequency Range
More results

유사한 설명 - PE71S6198

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE71S6194 PASTERNACK-PE71S6194 Datasheet
424Kb / 4P
   DC to 10 GHz Operating Frequency Range
PE71S6191 PASTERNACK-PE71S6191 Datasheet
413Kb / 4P
   DC to 10 GHz Operating Frequency Range
PE71S6199 PASTERNACK-PE71S6199 Datasheet
746Kb / 6P
   DC to 10 GHz Operating Frequency Range
PE71S6183 PASTERNACK-PE71S6183 Datasheet
413Kb / 4P
   DC to 10 GHz Operating Frequency Range
PE15A3001 PASTERNACK-PE15A3001 Datasheet
455Kb / 5P
   DC to 10 GHz Frequency Range
logo
Silicon Laboratories
SL23EP04 SILABS-SL23EP04 Datasheet
742Kb / 16P
   10 to 220 MHz operating frequency range
logo
Pasternack Enterprises,...
PE15A3004 PASTERNACK-PE15A3004 Datasheet
473Kb / 5P
   DC to 6 GHz Frequency Range
logo
Analog Devices
HMC520A AD-HMC520A Datasheet
423Kb / 28P
   Radio frequency (RF) range: 6 GHz to 10 GHz
logo
Vishay Siliconix
BA779-G VISHAY-BA779-G Datasheet
97Kb / 4P
   Wide frequency range 10 MHz to 1 GHz
Rev. 1.2, 25-Feb-13
logo
AVAGO TECHNOLOGIES LIMI...
AMGP-6552 AVAGO-AMGP-6552 Datasheet
151Kb / 8P
   IF frequency range from DC to 3 GHz
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com