전자부품 데이터시트 검색엔진 |
|
IRFP7430PBF 데이터시트(PDF) 3 Page - International Rectifier |
|
IRFP7430PBF 데이터시트(HTML) 3 Page - International Rectifier |
3 / 10 page IRFP7430PbF www.irf.com © 2015 International Rectifier Submit Datasheet Feedback February 19, 2015 3 S D G Dynamic @ TJ = 25°C (unless otherwise specified) Symbol Parameter Min. Typ. Max. Units gfs Forward Transconductance 150 ––– ––– S Qg Total Gate Charge ––– 300 460 nC Qgs Gate-to-Source Charge ––– 77 ––– Qgd Gate-to-Drain ("Miller") Charge ––– 98 ––– Qsync Total Gate Charge Sync. (Qg - Qgd) ––– 202 ––– td(on) Turn-On Delay Time ––– 32 ––– ns tr Rise Time ––– 105 ––– td(off) Turn-Off Delay Time ––– 160 ––– tf Fall Time ––– 100 ––– Ciss Input Capacitance ––– 14240 ––– pF Coss Output Capacitance ––– 2130 ––– Crss Reverse Transfer Capacitance ––– 1460 ––– Coss eff. (ER) Effective Output Capacitance (Energy Related) ià ––– 2605 ––– Coss eff. (TR) Effective Output Capacitance (Time Related) h ––– 2920 ––– Diode Characteristics Symbol Parameter Min. Typ. Max. Units IS Continuous Source Current ––– ––– 376 A (Body Diode) ISM Pulsed Source Current ––– ––– 1576 A (Body Diode) Ãd VSD Diode Forward Voltage ––– 0.86 1.2 V dv/dt Peak Diode Recovery f ––– 2.7 ––– V/ns trr Reverse Recovery Time ––– 52 ––– ns TJ = 25°C VR = 34V, ––– 52 ––– TJ = 125°C IF = 100A Qrr Reverse Recovery Charge ––– 97 ––– nC TJ = 25°C di/dt = 100A/μs g ––– 97 ––– TJ = 125°C IRRM Reverse Recovery Current ––– 2.3 ––– A TJ = 25°C VDS = 10V, ID = 100A VDS =20V ƒ = 1.0 MHz VGS = 0V, VDS = 0V to 32V i VGS = 0V, VDS = 0V to 32V h ID = 100A VGS = 10V g VGS = 0V VDS = 25V Conditions TJ = 25°C, IS = 100A, VGS = 0V g integral reverse p-n junction diode. MOSFET symbol showing the Conditions TJ = 175°C, IS = 100A, VDS = 40V ID = 30A RG = 2.7Ω VGS = 10V g VDD = 20V |
유사한 부품 번호 - IRFP7430PBF_15 |
|
유사한 설명 - IRFP7430PBF_15 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |