전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP7430PBF 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRFP7430PBF
상세설명  Brushed Motor drive applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP7430PBF 데이터시트(HTML) 2 Page - International Rectifier

  IRFP7430PBF Datasheet HTML 1Page - International Rectifier IRFP7430PBF Datasheet HTML 2Page - International Rectifier IRFP7430PBF Datasheet HTML 3Page - International Rectifier IRFP7430PBF Datasheet HTML 4Page - International Rectifier IRFP7430PBF Datasheet HTML 5Page - International Rectifier IRFP7430PBF Datasheet HTML 6Page - International Rectifier IRFP7430PBF Datasheet HTML 7Page - International Rectifier IRFP7430PBF Datasheet HTML 8Page - International Rectifier IRFP7430PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRFP7430PbF
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
February 19, 2015
2
Notes:
 Calculated continuous current based on maximum allowable junction
temperature. Bond wire current limit is 195A. Note that current
limitations arising from heating of the device leads may occur with
some lead mounting arrangements.
(Refer to AN-1140)
‚ Repetitive rating; pulse width limited by max. junction
temperature.
ƒ Limited by TJmax, starting TJ = 25°C, L = 0.14mH
RG = 50Ω, IAS = 100A, VGS =10V.
„ ISD ≤ 100A, di/dt ≤ 990A/μs, VDD ≤ V(BR)DSS, TJ ≤ 175°C.
… Pulse width ≤ 400μs; duty cycle ≤ 2%.
† Coss eff. (TR) is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
‡ Coss eff. (ER) is a fixed capacitance that gives the same energy as
Coss while VDS is rising from 0 to 80% VDSS.
ˆ When mounted on 1" square PCB (FR-4 or G-10 Material). For recommended
footprint and soldering techniques refer to application note #AN-994.
‰ Rθis measured at TJ approximately 90°C.
Š Limited by TJmax, starting TJ = 25°C, L= 1mH, RG = 50Ω, IAS = 53A,
VGS =10V.
* Halogen -Free since April 30, 2014
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
40
–––
–––
V
ΔV(BR)DSS/ΔTJ
Breakdown Voltage Temp. Coefficient
–––
0.014
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
1.0
1.3
1.2
–––
VGS(th)
Gate Threshold Voltage
2.2
–––
3.9
V
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
μA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
RG
Internal Gate Resistance
–––
2.1
–––
Ω
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 1.0mA
d
VGS = 10V, ID = 100A
g
VDS = VGS, ID = 250μA
VGS = 20V
VGS = -20V
VDS = 40V, VGS = 0V
VDS = 40V, VGS = 0V, TJ = 125°C
VGS = 6.0V, ID = 50A
g
Absolute Maximum Ratings
Symbol
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Wire Bond Limited)
IDM
Pulsed Drain Current
d
PD @TC = 25°C
Maximum Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
TJ
Operating Junction and
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds (1.6mm from case)
Mounting torque, 6-32 or M3 screw
Avalanche Characteristics
EAS (Thermally limited)
Single Pulse Avalanche Energy
e
mJ
EAS (Thermally limited)
Single Pulse Avalanche Energy
l
IAR
Avalanche Current
Ãd
A
EAR
Repetitive Avalanche Energy
d
mJ
Thermal Resistance
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
k
–––
0.41
RθCS
Case-to-Sink, Flat Greased Surface
0.24
–––
RθJA
Junction-to-Ambient
Ãj
–––
40
Max.
404
™
286
™
1524
195
1405
-55 to + 175
± 20
2.4
10lbf
x in (1.1Nx m)
°C/W
A
°C
300
722
See Fig. 14, 15, 22a, 22b
366


유사한 부품 번호 - IRFP7430PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP7430PBF IRF-IRFP7430PBF Datasheet
273Kb / 9P
   Brushed Motor drive applications
More results

유사한 설명 - IRFP7430PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7946PBF IRF-IRF7946PBF_15 Datasheet
295Kb / 12P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202_15 Datasheet
526Kb / 10P
   Brushed Motor drive applications
IRFB7545PBF IRF-IRFB7545PBF_15 Datasheet
532Kb / 10P
   Brushed motor drive applications
IRFB7740PBF IRF-IRFB7740PBF_15 Datasheet
527Kb / 10P
   Brushed Motor drive applications
IRFP7718PBF IRF-IRFP7718PBF_15 Datasheet
564Kb / 10P
   Brushed Motor drive applications
IRFS7434PBF IRF-IRFS7434PBF_15 Datasheet
310Kb / 12P
   Brushed Motor drive applications
IRFS7440PBF IRF-IRFS7440PBF_15 Datasheet
307Kb / 12P
   Brushed Motor drive applications
IRFS7734-7PPBF IRF-IRFS7734-7PPBF_15 Datasheet
584Kb / 11P
   Brushed Motor drive applications
IRL60B216 IRF-IRL60B216_15 Datasheet
725Kb / 10P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202 Datasheet
526Kb / 10P
   Brushed Motor drive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com