전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP7430PBF 데이터시트(PDF) 5 Page - International Rectifier

부품명 IRFP7430PBF
상세설명  Brushed Motor drive applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP7430PBF 데이터시트(HTML) 5 Page - International Rectifier

  IRFP7430PBF Datasheet HTML 1Page - International Rectifier IRFP7430PBF Datasheet HTML 2Page - International Rectifier IRFP7430PBF Datasheet HTML 3Page - International Rectifier IRFP7430PBF Datasheet HTML 4Page - International Rectifier IRFP7430PBF Datasheet HTML 5Page - International Rectifier IRFP7430PBF Datasheet HTML 6Page - International Rectifier IRFP7430PBF Datasheet HTML 7Page - International Rectifier IRFP7430PBF Datasheet HTML 8Page - International Rectifier IRFP7430PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRFP7430PbF
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
February 19, 2015
5
Fig 10. Maximum Safe Operating Area
Fig 11. Drain-to-Source Breakdown Voltage
Fig 9. Typical Source-Drain Diode
Forward Voltage
Fig 12. Typical COSS Stored Energy
0.0
0.5
1.0
1.5
2.0
2.5
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 175°C
VGS = 0V
-60 -40 -20 0 20 40 60 80 100120140160180
TJ , Temperature ( °C )
40
41
42
43
44
45
46
47
Id = 1.0mA
Fig 13. Typical On-Resistance vs. Drain Current
0.1
1
10
100
VDS, Drain-toSource Voltage (V)
0.1
1
10
100
1000
10000
Tc = 25°C
Tj = 175°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY R DS(on)
100μsec
DC
Limited by package
0
5
10
15
20
25
30
35
40
45
VDS, Drain-to-Source Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
VDS= 0V to 32V
0
200
400
600
800
1000
1200
ID, Drain Current (A)
0.0
2.0
4.0
6.0
VGS = 5.5V
VGS = 6.0V
VGS = 7.0V
VGS = 8.0V
VGS =10V


유사한 부품 번호 - IRFP7430PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP7430PBF IRF-IRFP7430PBF Datasheet
273Kb / 9P
   Brushed Motor drive applications
More results

유사한 설명 - IRFP7430PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7946PBF IRF-IRF7946PBF_15 Datasheet
295Kb / 12P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202_15 Datasheet
526Kb / 10P
   Brushed Motor drive applications
IRFB7545PBF IRF-IRFB7545PBF_15 Datasheet
532Kb / 10P
   Brushed motor drive applications
IRFB7740PBF IRF-IRFB7740PBF_15 Datasheet
527Kb / 10P
   Brushed Motor drive applications
IRFP7718PBF IRF-IRFP7718PBF_15 Datasheet
564Kb / 10P
   Brushed Motor drive applications
IRFS7434PBF IRF-IRFS7434PBF_15 Datasheet
310Kb / 12P
   Brushed Motor drive applications
IRFS7440PBF IRF-IRFS7440PBF_15 Datasheet
307Kb / 12P
   Brushed Motor drive applications
IRFS7734-7PPBF IRF-IRFS7734-7PPBF_15 Datasheet
584Kb / 11P
   Brushed Motor drive applications
IRL60B216 IRF-IRL60B216_15 Datasheet
725Kb / 10P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202 Datasheet
526Kb / 10P
   Brushed Motor drive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com