전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP7530PBF 데이터시트(PDF) 4 Page - International Rectifier

부품명 IRFP7530PBF
상세설명  Brushed Motor drive applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP7530PBF 데이터시트(HTML) 4 Page - International Rectifier

  IRFP7530PBF Datasheet HTML 1Page - International Rectifier IRFP7530PBF Datasheet HTML 2Page - International Rectifier IRFP7530PBF Datasheet HTML 3Page - International Rectifier IRFP7530PBF Datasheet HTML 4Page - International Rectifier IRFP7530PBF Datasheet HTML 5Page - International Rectifier IRFP7530PBF Datasheet HTML 6Page - International Rectifier IRFP7530PBF Datasheet HTML 7Page - International Rectifier IRFP7530PBF Datasheet HTML 8Page - International Rectifier IRFP7530PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
November 7, 2014
 
IRFP7530PbF
Fig 6. Normalized On-Resistance vs. Temperature
Fig 5. Typical Transfer Characteristics
Fig 4. Typical Output Characteristics
Fig 3. Typical Output Characteristics
Fig 7. Typical Capacitance vs. Drain-to-Source Voltage
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM
4.5V
60µs PULSE WIDTH
Tj = 25°C
4.5V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
10
100
1000
60µs PULSE WIDTH
Tj = 175°C
4.5V
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM
4.5V
2
3
4
5
6
7
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 175°C
VDS = 25V
60µs PULSE WIDTH
-60
-20
20
60
100
140
180
TJ , Junction Temperature (°C)
0.4
0.8
1.2
1.6
2.0
2.4
ID = 100A
VGS = 10V
0
50
100
150
200
250
300
350
QG, Total Gate Charge (nC)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
VDS= 48V
VDS= 30V
VDS= 12V
ID = 100A
Fig 8. Typical Gate Charge vs.
Gate-to-Source Voltage
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
100000
1000000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss


유사한 부품 번호 - IRFP7530PBF

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IRFP7530 ISC-IRFP7530 Datasheet
334Kb / 2P
   N-Channel MOSFET Transistor
More results

유사한 설명 - IRFP7530PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7946PBF IRF-IRF7946PBF_15 Datasheet
295Kb / 12P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202_15 Datasheet
526Kb / 10P
   Brushed Motor drive applications
IRFB7545PBF IRF-IRFB7545PBF_15 Datasheet
532Kb / 10P
   Brushed motor drive applications
IRFB7740PBF IRF-IRFB7740PBF_15 Datasheet
527Kb / 10P
   Brushed Motor drive applications
IRFP7430PBF IRF-IRFP7430PBF_15 Datasheet
263Kb / 10P
   Brushed Motor drive applications
IRFP7718PBF IRF-IRFP7718PBF_15 Datasheet
564Kb / 10P
   Brushed Motor drive applications
IRFS7434PBF IRF-IRFS7434PBF_15 Datasheet
310Kb / 12P
   Brushed Motor drive applications
IRFS7440PBF IRF-IRFS7440PBF_15 Datasheet
307Kb / 12P
   Brushed Motor drive applications
IRFS7734-7PPBF IRF-IRFS7734-7PPBF_15 Datasheet
584Kb / 11P
   Brushed Motor drive applications
IRL60B216 IRF-IRL60B216_15 Datasheet
725Kb / 10P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202 Datasheet
526Kb / 10P
   Brushed Motor drive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com