전자부품 데이터시트 검색엔진 |
|
IRFP7537PBF 데이터시트(PDF) 1 Page - International Rectifier |
|
IRFP7537PBF 데이터시트(HTML) 1 Page - International Rectifier |
1 / 10 page StrongIRFET™ IRFP7537PbF HEXFET® Power MOSFET D S G Application Brushed Motor drive applications BLDC Motor drive applications Battery powered circuits Half-bridge and full-bridge topologies Synchronous rectifier applications Resonant mode power supplies OR-ing and redundant power switches DC/DC and AC/DC converters DC/AC Inverters Benefits Improved Gate, Avalanche and Dynamic dV/dt Ruggedness Fully Characterized Capacitance and Avalanche SOA Enhanced body diode dV/dt and dI/dt Capability Lead-Free, RoHS Compliant VDSS 60V RDS(on) typ. 2.75m max 3.30m ID 172A Fig 1. Typical On-Resistance vs. Gate Voltage Fig 2. Maximum Drain Current vs. Case Temperature Base part number Package Type Standard Pack Form Quantity IRFP7537PbF TO-247 Tube 25 IRFP7537PbF Orderable Part Number 2 4 6 8 10 12 14 16 18 20 VGS, Gate -to -Source Voltage (V) 0 2 4 6 8 10 12 ID = 100A TJ = 25°C TJ = 125°C TO-247 IRFP7537PbF G D S Gate Drain Source G D S 1 www.irf.com © 2014 International Rectifier Submit Datasheet Feedback November 18, 2014 25 50 75 100 125 150 175 TC , Case Temperature (°C) 0 50 100 150 200 |
유사한 부품 번호 - IRFP7537PBF_15 |
|
유사한 설명 - IRFP7537PBF_15 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |