전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP7718PBF 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRFP7718PBF
상세설명  Brushed Motor drive applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP7718PBF 데이터시트(HTML) 2 Page - International Rectifier

  IRFP7718PBF Datasheet HTML 1Page - International Rectifier IRFP7718PBF Datasheet HTML 2Page - International Rectifier IRFP7718PBF Datasheet HTML 3Page - International Rectifier IRFP7718PBF Datasheet HTML 4Page - International Rectifier IRFP7718PBF Datasheet HTML 5Page - International Rectifier IRFP7718PBF Datasheet HTML 6Page - International Rectifier IRFP7718PBF Datasheet HTML 7Page - International Rectifier IRFP7718PBF Datasheet HTML 8Page - International Rectifier IRFP7718PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
 
IRFP7718PbF
2
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
February 19, 2015
Absolute Maximium Rating
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
355
A
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
250
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Wire Bond Limited)
195
IDM
Pulsed Drain Current 
1590
PD @TC = 25°C
Maximum Power Dissipation
517
W
Linear Derating Factor
3.5
W/°C
VGS
Gate-to-Source Voltage
± 20
V
TJ
TSTG
Operating Junction and
Storage Temperature Range
-55 to + 175  
°C  
Soldering Temperature, for 10 seconds (1.6mm from case)
300
Mounting Torque, 6-32 or M3 Screw
10 lbf·in (1.1 N·m)
 
Avalanche Characteristics 
EAS (Thermally limited)
Single Pulse Avalanche Energy 
1160
mJ
EAS (Thermally limited)
Single Pulse Avalanche Energy 
2004
IAR
Avalanche Current 
See Fig 14, 15, 23a, 23b
A
EAR
Repetitive Avalanche Energy 
mJ
Thermal Resistance  
Symbol
Parameter
Typ.
Max.
Units
RJC
Junction-to-Case 
–––
0.29
°C/W  
RCS
Case-to-Sink, Flat Greased Surface
0.24
–––
RJA
Junction-to-Ambient 
–––
40
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max.
Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
75
–––
–––
V
VGS = 0V, ID = 250µA
V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient
–––
42
–––
mV/°C Reference to 25°C, ID = 2mA 
RDS(on)
Static Drain-to-Source On-Resistance
–––
1.45
1.80
VGS = 10V, ID = 100A 
–––
1.60
–––
VGS = 6V, ID = 50A 
VGS(th)
Gate Threshold Voltage
2.1
–––
3.7
V
VDS = VGS, ID = 250µA
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
VDS =75 V, VGS = 0V
–––
–––
150
VDS =75V,VGS = 0V,TJ =125°C
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -20V
RG
Gate Resistance
–––
0.9
–––

m

Notes:

Calculated continuous current based on maximum allowable junction temperature. Bond wire current limit is 195A.
Note that current limitations arising from heating of the device leads may occur with some lead mounting
arrangements. (Refer to AN-1140)

Repetitive rating; pulse width limited by max. junction temperature.
Limited by TJmax, starting TJ = 25°C, L = 233µH, RG = 50, IAS = 100A, VGS =10V.

ISD  100A, di/dt  1279A/µs, VDD  V(BR)DSS, TJ 175°C.

Pulse width
 400µs; duty cycle  2%.
Coss eff. (TR) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS.
Coss eff. (ER) is a fixed capacitance that gives the same energy as Coss while VDS is rising from 0 to 80% VDSS.
Ris measured at TJ approximately 90°C.
Limited by TJmax, starting TJ = 25°C, L = 1mH, RG = 50, IAS = 63A, VGS =10V. .
Pulse drain current is limited at 780A by source bonding technology.


유사한 부품 번호 - IRFP7718PBF

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
IRFP7718PBF INFINEON-IRFP7718PBF Datasheet
522Kb / 10P
   Brushed Motor drive applications
2015-11-30
More results

유사한 설명 - IRFP7718PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7946PBF IRF-IRF7946PBF_15 Datasheet
295Kb / 12P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202_15 Datasheet
526Kb / 10P
   Brushed Motor drive applications
IRFB7545PBF IRF-IRFB7545PBF_15 Datasheet
532Kb / 10P
   Brushed motor drive applications
IRFB7740PBF IRF-IRFB7740PBF_15 Datasheet
527Kb / 10P
   Brushed Motor drive applications
IRFP7430PBF IRF-IRFP7430PBF_15 Datasheet
263Kb / 10P
   Brushed Motor drive applications
IRFS7434PBF IRF-IRFS7434PBF_15 Datasheet
310Kb / 12P
   Brushed Motor drive applications
IRFS7440PBF IRF-IRFS7440PBF_15 Datasheet
307Kb / 12P
   Brushed Motor drive applications
IRFS7734-7PPBF IRF-IRFS7734-7PPBF_15 Datasheet
584Kb / 11P
   Brushed Motor drive applications
IRL60B216 IRF-IRL60B216_15 Datasheet
725Kb / 10P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202 Datasheet
526Kb / 10P
   Brushed Motor drive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com