전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP9140NPBF 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRFP9140NPBF
상세설명  ADVANCED PROCESS TECHNOLOGY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP9140NPBF 데이터시트(HTML) 1 Page - International Rectifier

  IRFP9140NPBF Datasheet HTML 1Page - International Rectifier IRFP9140NPBF Datasheet HTML 2Page - International Rectifier IRFP9140NPBF Datasheet HTML 3Page - International Rectifier IRFP9140NPBF Datasheet HTML 4Page - International Rectifier IRFP9140NPBF Datasheet HTML 5Page - International Rectifier IRFP9140NPBF Datasheet HTML 6Page - International Rectifier IRFP9140NPBF Datasheet HTML 7Page - International Rectifier IRFP9140NPBF Datasheet HTML 8Page - International Rectifier IRFP9140NPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IRFP9140NPbF
HEXFET® Power MOSFET
PD - 95665
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power
MOSFETs are well known for, provides the designer
with an extremely efficient and reliable device for use
in a wide variety of applications.
The TO-247 package is preferred for commercial-
industrial applications where higher power levels
preclude the use of TO-220 devices. The TO-247 is
similar but superior to the earlier TO-218 package
because of its isolated mounting hole.
VDSS = -100V
RDS(on) = 0.117Ω
ID = -23A
l
Advanced Process Technology
l
Dynamic dv/dt Rating
l
175°C Operating Temperature
l
P-Channel
l
Fast Switching
l
Fully Avalanche Rated
l
Lead-Free
Description
TO-247AC
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ -10V
-23
ID @ TC = 100°C
Continuous Drain Current, VGS @ -10V
-16
A
IDM
Pulsed Drain Current …
-76
PD @TC = 25°C
Power Dissipation
140
W
Linear Derating Factor
0.91
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy‚…
430
mJ
IAR
Avalanche Current
-11
A
EAR
Repetitive Avalanche Energy
14
mJ
dv/dt
Peak Diode Recovery dv/dt ƒ…
-5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 screw10 lbf•in (1.1N•m)
Absolute Maximum Ratings
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.1
RθCS
Case-to-Sink, Flat, Greased Surface
0.24
–––
°C/W
RθJA
Junction-to-Ambient
–––
40
Thermal Resistance
7/30/04
S
D
G


유사한 부품 번호 - IRFP9140NPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP9140NPBF IRF-IRFP9140NPBF Datasheet
240Kb / 9P
   HEXFET짰 Power MOSFET
More results

유사한 설명 - IRFP9140NPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com