전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFPS3810PBF 데이터시트(PDF) 4 Page - International Rectifier

부품명 IRFPS3810PBF
상세설명  Advanced Process Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFPS3810PBF 데이터시트(HTML) 4 Page - International Rectifier

  IRFPS3810PBF Datasheet HTML 1Page - International Rectifier IRFPS3810PBF Datasheet HTML 2Page - International Rectifier IRFPS3810PBF Datasheet HTML 3Page - International Rectifier IRFPS3810PBF Datasheet HTML 4Page - International Rectifier IRFPS3810PBF Datasheet HTML 5Page - International Rectifier IRFPS3810PBF Datasheet HTML 6Page - International Rectifier IRFPS3810PBF Datasheet HTML 7Page - International Rectifier IRFPS3810PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRFPS3810PbF
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
100
200
300
400
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G
FOR TEST CIRCUIT
SEE FIGURE
I =
D
13
100A
V
= 20V
DS
V
= 50V
DS
V
= 80V
DS
1
10
100
VDS, Drain-to-Source Voltage (V)
0
5000
10000
15000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
10
100
1000
0.2
0.8
1.4
2.0
2.6
V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25 C
J
°
T = 175 C
J
°
1
10
100
1000
VDS , Drain-toSource Voltage (V)
1
10
100
1000
10000
Tc = 25°C
Tj = 175°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY R DS(on)
100µsec


유사한 부품 번호 - IRFPS3810PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFPS3810PBF IRF-IRFPS3810PBF Datasheet
173Kb / 8P
   HEXFET짰 Power MOSFET
More results

유사한 설명 - IRFPS3810PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com